Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL90N10F7 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL90N10F7
Description  N-channel 100 V, 0.007 Ω typ., 70 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL90N10F7 Datasheet(HTML) 1 Page - STMicroelectronics

  STL90N10F7 Datasheet HTML 1Page - STMicroelectronics STL90N10F7 Datasheet HTML 2Page - STMicroelectronics STL90N10F7 Datasheet HTML 3Page - STMicroelectronics STL90N10F7 Datasheet HTML 4Page - STMicroelectronics STL90N10F7 Datasheet HTML 5Page - STMicroelectronics STL90N10F7 Datasheet HTML 6Page - STMicroelectronics STL90N10F7 Datasheet HTML 7Page - STMicroelectronics STL90N10F7 Datasheet HTML 8Page - STMicroelectronics STL90N10F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
March 2015
DocID024551 Rev 4
1/14
This is information on a product in full production.
www.st.com
STL90N10F7
N-
channel 100 V, 0.007 Ω typ., 70 A STripFET™ F7
Power MOSFET in a PowerFLAT™ 5x6 package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max.
ID
PTOT
STL90N10F7
100 V
0.008 Ω
70 A
100 W
•
Among the lowest RDS(on) on the market
•
Excellent figure of merit (FoM)
•
Low Crss/Ciss ratio for EMI immunity
•
High avalanche ruggedness
Applications
•
Switching applications
Description
This N-channel Power MOSFET utilizes
STripFET™ F7 technology with an enhanced
trench gate structure that results in very low on-
state resistance, while also reducing internal
capacitance and gate charge for faster and more
efficient switching.
Table 1: Device summary
Order code
Marking
Package
Packing
STL90N10F7
90N10F7
PowerFLAT™ 5x6
Tape and reel
1
2
3
4
PowerFLAT™ 5x6


Similar Part No. - STL90N10F7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL90N10F7 STMICROELECTRONICS-STL90N10F7 Datasheet
842Kb / 16P
N-channel 100 V, 7 mΩ typ., 70 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
10-Feb-2020
STL90N10F7 STMICROELECTRONICS-STL90N10F7_V01 Datasheet
842Kb / 16P
N-channel 100 V, 7 mΩ typ., 70 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
10-Feb-2020
More results

Similar Description - STL90N10F7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL210N4F7AG STMICROELECTRONICS-STL210N4F7AG Datasheet
913Kb / 14P
Automotive-grade N-channel 40 V, 1.3 m typ., 120 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
07-Jan-2016
STL225N6F7AG STMICROELECTRONICS-STL225N6F7AG Datasheet
942Kb / 15P
Automotive-grade N-channel 60 V, 1.2 m typ., 120 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
17-Mar-2017
STL45N10F7AG STMICROELECTRONICS-STL45N10F7AG Datasheet
942Kb / 15P
Automotive-grade N-channel 100 V, 20 mΩ typ., 18 A, STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
16-Feb-2017
STL105N4LF7AG STMICROELECTRONICS-STL105N4LF7AG Datasheet
936Kb / 15P
Automotive-grade N-channel 40 V, 3.0 mΩ typ., 105 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
18-Jan-2018
STL12N10F7 STMICROELECTRONICS-STL12N10F7 Datasheet
587Kb / 13P
N-channel 100 V, 11.3 mΩ typ., 12 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 3.3x3.3 package
14-Jun-2018
STL200N45LF7 STMICROELECTRONICS-STL200N45LF7 Datasheet
892Kb / 14P
N-channel 45 V, 1.4 mΩ typ., 120 A STripFET ™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
10-Jun-2016
STL285N4F7AG STMICROELECTRONICS-STL285N4F7AG Datasheet
942Kb / 15P
Automotive-grade N-channel 40 V, 0.9 mΩ typ., 120 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
09-Jun-2016
STL50N6F7 STMICROELECTRONICS-STL50N6F7 Datasheet
866Kb / 14P
N-channel 60 V, 9 mΩ typ., 60 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
12-Nov-2015
STL90N10F7 STMICROELECTRONICS-STL90N10F7_V01 Datasheet
842Kb / 16P
N-channel 100 V, 7 mΩ typ., 70 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
10-Feb-2020
STLD110N10F7 STMICROELECTRONICS-STLD110N10F7 Datasheet
1Mb / 13P
N-channel 100 V, 5 mΩ typ., 107 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 dual side cooling package
26-Feb-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com