Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL105NS3LLH7 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STL105NS3LLH7
Description  N-channel 30 V, 0.0033 Ω typ., 27 A STripFET™ H7 Power MOSFET plus monolithic Schottky in a PowerFLAT™ 5x6
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL105NS3LLH7 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STL105NS3LLH7 Datasheet HTML 8Page - STMicroelectronics STL105NS3LLH7 Datasheet HTML 9Page - STMicroelectronics STL105NS3LLH7 Datasheet HTML 10Page - STMicroelectronics STL105NS3LLH7 Datasheet HTML 11Page - STMicroelectronics STL105NS3LLH7 Datasheet HTML 12Page - STMicroelectronics STL105NS3LLH7 Datasheet HTML 13Page - STMicroelectronics STL105NS3LLH7 Datasheet HTML 14Page - STMicroelectronics STL105NS3LLH7 Datasheet HTML 15Page - STMicroelectronics STL105NS3LLH7 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
DocID024624 Rev 4
13/16
STL105NS3LLH7
Packing information
5
Packing information
Figure 18. PowerFLAT™ 5x6 tape(b)
Figure 19. PowerFLAT™ 5x6 package orientation in carrier tape.
b.
All dimensions are in millimeters.
Measured from centerline of sprocket hole
to centerline of pocket.
Cumulative tolerance of 10 sprocket
holes is ± 0.20 .
Measured from centerline of sprocket
hole to centerline of pocket.
(I)
(II)
(III)
2
2.0±0.1 (I)
Ko (1.20±0.1)
±0.05)
Ø1.5 MIN.
Ø1.55±0.05
P
Ao(6.30±0.1)
1.75±0.1
4.0±0.1 (II)
P 0
Y
Y
SECTION Y-Y
C
L
P1(8.00±0.1)
Do
D1
E1
(0.30
T
REF
.R0.50
Base and bulk quantity 3000 pcs
8234350_Tape_rev_C
Pin 1
identification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com