Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STU13N60M2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STU13N60M2
Description  N-channel 600 V, 0.35 Ω typ., 11 A MDmesh II Plus™ low Qg Power MOSFETs in TO-220, IPAK and TO-247 packages
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU13N60M2 Datasheet(HTML) 3 Page - STMicroelectronics

  STU13N60M2 Datasheet HTML 1Page - STMicroelectronics STU13N60M2 Datasheet HTML 2Page - STMicroelectronics STU13N60M2 Datasheet HTML 3Page - STMicroelectronics STU13N60M2 Datasheet HTML 4Page - STMicroelectronics STU13N60M2 Datasheet HTML 5Page - STMicroelectronics STU13N60M2 Datasheet HTML 6Page - STMicroelectronics STU13N60M2 Datasheet HTML 7Page - STMicroelectronics STU13N60M2 Datasheet HTML 8Page - STMicroelectronics STU13N60M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
DocID023937 Rev 5
3/18
STP13N60M2, STU13N60M2, STW13N60M2
Electrical ratings
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
GS
Gate-source voltage
± 25
V
I
D
Drain current (continuous) at T
C
= 25 °C
11
A
I
D
Drain current (continuous) at T
C
= 100 °C
7
A
I
DM
(1)
1.
Pulse width limited by safe operating area.
Drain current (pulsed)
44
A
P
TOT
Total dissipation at T
C
= 25 °C
110
W
dv/dt
(2)
2.
I
SD
≤ 11 A, di/dt ≤ 400 A/μs; V
DS peak
< V
(BR)DSS
, V
DD
=400 V.
Peak diode recovery voltage slope
15
V/ns
dv/dt
(3)
3.
V
DS ≤
480 V
MOSFET dv/dt ruggedness
50
V/ns
T
stg
Storage temperature
- 55 to 150
°C
T
j
Max. operating junction temperature
Table 3. Thermal data
Symbol
Parameter
Value
Unit
TO-220
IPAK
TO-247
R
thj-case
Thermal resistance junction-case max
1.14
°C/W
R
thj-amb
Thermal resistance junction-ambient max
62.5
100
50
°C/W
Table 4. Avalanche characteristics
Symbol
Parameter
Value
Unit
I
AR
Avalanche current, repetitive or not
repetitive (pulse width limited by T
jmax
)
2.8
A
E
AS
Single pulse avalanche energy (starting
T
j
=25°C, I
D
= I
AR
; V
DD
=50)
125
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com