Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP16CPPS05 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STP16CPPS05
Description  Low voltage 16-bit constant current LED sink driver with auto power-saving
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16CPPS05 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STP16CPPS05 Datasheet HTML 15Page - STMicroelectronics STP16CPPS05 Datasheet HTML 16Page - STMicroelectronics STP16CPPS05 Datasheet HTML 17Page - STMicroelectronics STP16CPPS05 Datasheet HTML 18Page - STMicroelectronics STP16CPPS05 Datasheet HTML 19Page - STMicroelectronics STP16CPPS05 Datasheet HTML 20Page - STMicroelectronics STP16CPPS05 Datasheet HTML 21Page - STMicroelectronics STP16CPPS05 Datasheet HTML 22Page - STMicroelectronics STP16CPPS05 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
STP16CPPS05
Auto power-saving
DocID16536 Rev 4
19/31
Figure 19: First output ON after switching from auto power saving to normal operating
condition
Electrical conditions:
temp. = 25 °C, Vdd = 3.3 V, Vin = Vdd, Vled = 3.0 V, Iset = 20 mA
Ch1 (Yellow) = SDI, Ch2 (Blue) = CLK, Ch3 (Purple) = LE, Ch4 (Green) = first output ON
When the device goes from AUTO power saving to normal operative condition,
the first output that switch ON shows TON condition as seen in the plot above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com