Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP16DPP05TTR Datasheet(PDF) 17 Page - STMicroelectronics

Part # STP16DPP05TTR
Description  Low voltage 16-bit constant current LED sink driver with output error detection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16DPP05TTR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STP16DPP05TTR Datasheet HTML 13Page - STMicroelectronics STP16DPP05TTR Datasheet HTML 14Page - STMicroelectronics STP16DPP05TTR Datasheet HTML 15Page - STMicroelectronics STP16DPP05TTR Datasheet HTML 16Page - STMicroelectronics STP16DPP05TTR Datasheet HTML 17Page - STMicroelectronics STP16DPP05TTR Datasheet HTML 18Page - STMicroelectronics STP16DPP05TTR Datasheet HTML 19Page - STMicroelectronics STP16DPP05TTR Datasheet HTML 20Page - STMicroelectronics STP16DPP05TTR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
STP16DPP05
Typical characteristics
DocID16518 Rev 4
17/34
Figure 15: Power dissipation vs package temperature
The exposed pad should be soldered to the PCB to obtain the thermal benefits.
Figure 16: Turn ON output current
characteristics(1)
Figure 17: Turn OFF output current
characteristics(2)
Notes:
(1) The reference level for the TON characteristics is 50% of OE/DM2 signal and 90 % of output current.
(2) The reference level for the TOFF characteristics is 50% of OE/DM2 signal and 10 % of output current.
Electrical conditions: Vdd = 3.3 V, Vin = Vdd, Vled = 3.0 V, RL = 60 Ω, CL = 10 pF Ch1
(Yellow) = OE/DM2 , Ch2 (Blue) = SDI, Ch3 (Purple) = VOUT, Ch4 (Green) = OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com