Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP25N60M2-EP Datasheet(PDF) 7 Page - STMicroelectronics

Part # STP25N60M2-EP
Description  N-channel 600 V, 0.175 Ω typ., 18 A MDmesh™ M2 EP Power MOSFET in a TO-220 package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP25N60M2-EP Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STP25N60M2-EP Datasheet HTML 3Page - STMicroelectronics STP25N60M2-EP Datasheet HTML 4Page - STMicroelectronics STP25N60M2-EP Datasheet HTML 5Page - STMicroelectronics STP25N60M2-EP Datasheet HTML 6Page - STMicroelectronics STP25N60M2-EP Datasheet HTML 7Page - STMicroelectronics STP25N60M2-EP Datasheet HTML 8Page - STMicroelectronics STP25N60M2-EP Datasheet HTML 9Page - STMicroelectronics STP25N60M2-EP Datasheet HTML 10Page - STMicroelectronics STP25N60M2-EP Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
STP25N60M2-EP
Electrical characteristics
DocID027222 Rev 2
7/14
Figure 8: Capacitance variations
Figure 9: Output capacitance stored energy
Figure 10: Turn-off switching loss vs drain
current
Figure 11: Normalized gate threshold voltage
vs temperature
Figure 12: Normalized on-resistance vs
temperature
Figure 13: Source-drain diode forward
characteristics
1000
100
10
1
0.1
10
V
DS(V)
1
100
C
ISS
C
OSS
C
RSS
C
(pF)
GIPG181120141549ALS
2
0
0
100
V
DS(V)
400
200
300
4
500
600
6
8
E
OSS
(μJ)
GIPG181120141603ALS
6
4
0
1
I
D(A)
4
2
3
8
5
6
10
12
E
OSS
(μJ)
GIPG261120141106ALS
0.9
0.8
0.7
0.6
-75
-25
T
J(°C)
1.0
25
75
125
I
D = 250 µA
1.1
V
GS(th)
(norm)
GIPG181120141615ALS
1.4
1.0
0.6
0.2
-75
T
J(°C)
-25
75
25
125
1.8
2.2
V
GS = 10 V
R
DS(on)
(norm)
GIPG181120141628ALS
0
4
I
SD(A)
8
0
0.6
0.7
0.9
0.8
1.0
1.1
T
J=-50°C
T
J=-50°C
T
J=-50°C
12
16
V
SD
(V)
GIPG191120141427ALS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com