Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCM829ECT Datasheet(PDF) 3 Page - Microchip Technology

Part # TCM829ECT
Description  Switched Capacitor Voltage Converters
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCM829ECT Datasheet(HTML) 3 Page - Microchip Technology

  TCM829ECT Datasheet HTML 1Page - Microchip Technology TCM829ECT Datasheet HTML 2Page - Microchip Technology TCM829ECT Datasheet HTML 3Page - Microchip Technology TCM829ECT Datasheet HTML 4Page - Microchip Technology TCM829ECT Datasheet HTML 5Page - Microchip Technology TCM829ECT Datasheet HTML 6Page - Microchip Technology TCM829ECT Datasheet HTML 7Page - Microchip Technology TCM829ECT Datasheet HTML 8Page - Microchip Technology TCM829ECT Datasheet HTML 9Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
TCM828/829-4 5/22/00
TCM828
TCM829
Switched Capacitor
Voltage Converters
© 2001 Microchip Technology Inc.
DS21488A
DETAILED DESCRIPTION
The TCM828/829 charge pump converters invert the
voltage applied to the VIN pin. Conversion consists of a two-
phase operation (Figure 1). During the first phase, switches
S2 and S4 are open and S1 and S3 are closed. During this
time, C1 charges to the voltage on VIN and load current is
supplied from C2. During the second phase, S2 and S4 are
closed, and S1 and S3 are open. This action connects C1
across C2, restoring charge to C2.
APPLICATIONS INFORMATION
Output Voltage Considerations
The TCM828/829 perform voltage conversion but do
not provide
regulation. The output voltage will droop in a
linear manner with respect to load current. The value of this
equivalent output resistance is approximately 25
Ω nominal
at +25
°C and VIN = +5V. VOUT is approximately – 5V at light
loads, and droops according to the equation below:
VDROOP = IOUT x ROUT
VOUT = – (VIN – VDROOP)
Charge Pump Efficiency
The overall power efficiency of the charge pump is
affected by four factors:
(1) Losses from power consumed by the internal oscil-
lator, switch drive, etc. (which vary with input volt-
age, temperature and oscillator frequency).
(2) I
2R losses due to the on-resistance of the MOSFET
switches on-board the charge pump.
(3) Charge pump capacitor losses due to effective
series resistance (ESR).
Figure 1. Ideal Switched Capacitor Charge Pump
(4) Losses that occur during charge transfer (from the
commutation capacitor to the output capacitor)
when a voltage difference between the two capaci-
tors exists.
Most of the conversion losses are due to factors (2), (3)
and (4) above. These losses are given by Equation 1.
PLOSS (2, 3, 4) = IOUT
2 x ROUT
≅ IOUT2 x
[ 1 +8RSWITCH+ 4ESRC1+ ESRC2 ]
(fOSC) C1
The 1/(fOSC)(C1) term in Equation 1 is the effective
output resistance of an ideal switched capacitor circuit
(Figures 2a, 2b).
The
losses in the circuit
due to factor (4) above
are also shown in Equation 2. The output voltage ripple is
given by Equation 3.
PLOSS (4) =
[(0.5)(C1)(VIN2– VOUT2) + (0.5)(C2)(VRIPPLE2
– 2VOUTVRIPPLE)
] x f
OSC
VRIPPLE =
IOUT
+2(IOUT)(ESRC2)
(fOSC)(C2)
Figure 2a. Ideal Switched Capacitor Model
Figure 2b. Equivalent Output Resistance
VOUT = – (VIN)
C1
C2
TCM828/829
IN
S1
S3
S4
S2
V+
V
OUT
R
L
C1
C2
f
V+
V
OUT
R
EQUIV
R
EQUIV =
R
L
C2
f x C1
1
Equation 2.
Equation 1.
Equation 3.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com