| Electronic Components Datasheet Search |
|
TNETV2685FIBZUT5 Datasheet(PDF) 42 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETV2685FIBZUT5 Datasheet(HTML) 42 Page - Texas Instruments |
|
42 / 191 page ![]() TMS320DM647 TMS320DM648 SPRS372H – MAY 2007 – REVISED APRIL 2012 www.ti.com 3.2.4 Priority Allocation (PRI_ALLOC) Each of the masters (excluding the C64x+ Megamodule) is assigned a priority via the Priority Allocation Register (PRI_ALLOC), see Figure 3-4. The priority is enforced when several masters in the system are vying for the same endpoint. A value of 000b has the highest priority, while 111b has the lowest priority. Note that the configuration SCR port on the data SCR is considered a single endpoint meaning priority will be enforced when multiple masters try to access the configuration SCR. Priority is also enforced on the configuration SCR side when a master (through the data SCR) tries to access the same endpoint as the C64x+ Megamodule. The Ethernet Subsystem and VLYNQ fields specify the priority of the Ethernet Subsystem and VLYNQ peripherals, respectively. Similarly, the HOST field applies to the priority of the HPI and PCI peripherals. Other master peripherals are not present in the PRI_ALLOC register as they have their own registers to program their priorities. For more information on the default priority values in these peripheral registers, see the device-compatible peripheral reference guides. TI recommends that these priority registers be reprogrammed during device initialization. Table 3-6. Default Master Priorities MASTER DEFAULT PRIORITY EDMA3TC0 0 (EDMA CC QUEPRI Register) EDMA3TC1 0 (EDMA CC QUEPRI Register) EDMA3TC2 0 (EDMA CC QUEPRI Register) EDMA3TC3 0 (EDMA CC QUEPRI Register) 64x+_DMAP 7 (C64x+ MDMAARBE.PRI Register bit field) 64x+_CFGP 1 (C64x+ MDMAARBE.PRI Register bit field) Ethernet Subsystem 3 (PRI_ALLOC register) VLYNQ 4 (PRI_ALLOC register) UHPI 4 (PRI_ALLOC register) PCI 4 (PRI_ALLOC register) VICP 5 (PRI_ALLOC register) Figure 3-4. Priority Allocation Register (PRI_ALLOC) 31 16 Reserved R-0000000000001000 15 12 11 9 8 6 5 3 2 0 Reserved VICP VLYNQ HOST Ethernet Subsystem R-0000 R/W-101 R/W-100 R/W-100 R/W-011 LEGEND: R/W = Read/Write; R = Read only; -n = value after reset 42 Device Configuration Copyright © 2007–2012, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): TMS320DM647 TMS320DM648 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |