| Electronic Components Datasheet Search |
|
TNETV2685FIBZUT5 Datasheet(PDF) 134 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETV2685FIBZUT5 Datasheet(HTML) 134 Page - Texas Instruments |
|
134 / 191 page ![]() Clock Prescale I2CPSC PeripheralClock (DSP/6) I2CCLKH Generator BitClock I2CCLKL Noise Filter SCL I2CXSR I2CDXR Transmit Transmit Shift Transmit Buffer I2CDRR Shift I2CRSR Receive Buffer Receive Receive Filter SDA I2CData Noise I2COAR I2CSAR Slave Address Control Address Own I2CMDR I2CCNT Mode Data Count Vector Interrupt Interrupt Status I2CIVR I2CSTR Mask/Status Interrupt I2CIMR Interrupt/DMA I2CModule I2CClock Shadingdenotescontrol/statusregisters. I2CEMDR Extended Mode TMS320DM647 TMS320DM648 SPRS372H – MAY 2007 – REVISED APRIL 2012 www.ti.com 6.15 Inter-Integrated Circuit (I2C) The inter-integrated circuit (I2C) module provides an interface between the DM647/DM648 device and other devices compliant with Philips Semiconductors Inter-IC bus (I2C-bus™) specification version 2.1. External components attached to this 2-wire serial bus can transmit/receive up to 8-bit data to/from the DSP through the I2C module. The I2C port does not support CBUS-compatible devices. The I2C port supports: • Compatible with Philips I2C Specification Revision 2.1 (January 2000) • Fast Mode up to 400 Kbps (no fail-safe I/O buffers) • Noise Filter to Remove Noise 50 ns or less • Seven- and Ten-Bit Device Addressing Modes • Master (Transmit/Receive) and Slave (Transmit/Receive) Functionality • Events: DMA, Interrupt, or Polling • Slew-Rate Limited Open-Drain Output Buffers Figure 6-37. I2C Module Block Diagram For more detailed information on the I2C peripheral, see the TMS320DM647/DM648 DSP Inter-Integrated Circuit (I2C) Module User's Guide (literature number SPRUEK8). 134 Peripheral Information and Electrical Specifications Copyright © 2007–2012, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): TMS320DM647 TMS320DM648 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |