Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETV2685FIBZUTA7 Datasheet(PDF) 162 Page - Texas Instruments

Part # TNETV2685FIBZUTA7
Description  Digital Media Processor
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2685FIBZUTA7 Datasheet(HTML) 162 Page - Texas Instruments

Back Button TNETV2685FIBZUTA7 Datasheet HTML 158Page - Texas Instruments TNETV2685FIBZUTA7 Datasheet HTML 159Page - Texas Instruments TNETV2685FIBZUTA7 Datasheet HTML 160Page - Texas Instruments TNETV2685FIBZUTA7 Datasheet HTML 161Page - Texas Instruments TNETV2685FIBZUTA7 Datasheet HTML 162Page - Texas Instruments TNETV2685FIBZUTA7 Datasheet HTML 163Page - Texas Instruments TNETV2685FIBZUTA7 Datasheet HTML 164Page - Texas Instruments TNETV2685FIBZUTA7 Datasheet HTML 165Page - Texas Instruments TNETV2685FIBZUTA7 Datasheet HTML 166Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 191 page
background image
TMS320DM647
TMS320DM648
SPRS372H – MAY 2007 – REVISED APRIL 2012
www.ti.com
6.19 3-Port Ethernet Switch Subsystem (3PSW)
The Ethernet module controls the flow of packet data between the device and two external Ethernet PHYs
(DM648 only) or one external Ethernet PHY (DM647 only), with hardware flow control and quality-of-
service (QOS) support. See Figure 6-51 for a block diagram of the Ethernet module. The Ethernet
Subsystem contains a 3-port gigabit switch, where one port is internally connected to the C64x+ DSP (via
the switched central resource) and the other two ports are brought out externally. Each of the external
Ethernet ports support the modes shown in Table 6-77.
The Ethernet module controls the flow of packet data between the device and two external Ethernet
PHYs , with hardware flow control and quality-of-service (QOS) support. See Figure 6-51 for a block
diagram of the Ethernet module. The Ethernet Subsystem contains a 3-port gigabit switch, where one port
is internally connected to the C64x+ DSP (via the switched central resource) and the other two ports are
brought out externally. Each of the external Ethernet ports support the modes shown in Table 6-77.
Table 6-77. Ethernet Operating Modes
DESCRIPTION
DATA RATE
OPERATING MODE
10Base-T
10 Mbits/second (Mbps)
half- or full-duplex
100Base-T
100 Mbits/second (Mbps)
half- or full-duplex
1000Base-T
1000 Mbits/second (Mbps)
full-duplex
The Ethernet Subsystem provides these functions:
•
Ethernet communication/routing by way of two dedicated 10/100/1000 ports with SGMII interfaces
–
Wire-rate switching (802.1d), non-blocking switch fabric
–
Four priority levels of QoS TX support (802.1p) in hardware
–
Programmable interrupt pacing on RX/TX plus interrupt threshold on RX
–
Supports forwarding frame sizes of 64-2020 bytes
•
Address Lookup
–
1024 total address lookup engine (ALE) entries of VLANs and/or MAC addresses
–
L2 address lock and L2 filtering support
–
Multicast/broadcast filtering and forwarding state control
–
Receive-based or destination-based multicast and broadcast rate limits
–
MAC address blocking
–
Source port locking
–
OUI (Vendor ID) host accept/deny feature
–
Host controlled time-based aging
–
MAC authentication (802.1x)
–
Remapping of priority level of VLAN or ports
–
Multiple spanning tree support (spanning tree per VLAN)
162
Peripheral Information and Electrical Specifications
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com