| Electronic Components Datasheet Search |
|
TNETV2685FIBZUTA7 Datasheet(PDF) 63 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETV2685FIBZUTA7 Datasheet(HTML) 63 Page - Texas Instruments |
|
63 / 191 page ![]() TMS320DM647 TMS320DM648 www.ti.com SPRS372H – MAY 2007 – REVISED APRIL 2012 6.3.5 Power and Clock Domains The device includes two power domains: the System Domain and the Ethernet Subsystem Domain. Both of these power domains are always on when the chip is on. Both of these domains are powered by the CVDD pins of the device. The primary PLL controller generates the input clock to the C64x+ megamodule as well as most of the system peripherals such as the multichannel audio serial ports (McASPs) and the external memory interface (EMIFA). The secondary PLL controller generates interface clocks for the DDR2 memory controller. The Ethernet Subsystem is clocked through the SerDes module, which takes input from REFCLKP/N. The primary PLL controller (PLL1 controller) uses the device input clock CLKIN1 and the secondary PLL controller (PLL2 controller) uses the device input clock CLKIN2. Table 6-4 provides a listing of the clock domains. Table 6-4. Power and Clock Domains POWER DOMAIN CLOCK DOMAIN PERIPHERAL/MODULE/USAGE System Domain CLKDIV1 C64x+ CPU System Domain CLKDIV3 EDMA/SCR System Domain CLKDIV3 DDR Subsystem System Domain CLKDIV3 Video Port 0 System Domain CLKDIV3 Video Port 1 System Domain CLKDIV3 Video Port 2 System Domain CLKDIV3 Video Port 3 System Domain CLKDIV3 Video Port 4 System Domain CLKDIV3 EMIFA System Domain CLKDIV6 HPI System Domain CLKDIV6 PCI System Domain CLKDIV6 VLYNQ System Domain CLKDIV6 UART System Domain CLKDIV6 I2C System Domain CLKDIV6 TIMER 0 System Domain CLKDIV6 TIMER 1 System Domain CLKDIV6 TIMER 2 System Domain CLKDIV6 TIMER 3 System Domain CLKDIV6 SPI System Domain CLKDIV6 McASP System Domain CLKDIV6 VIC System Domain CLKDIV6 GPIO System Domain CLKDIV6 PLL Controller 1 System Domain CLKDIV6 PLL Controller 2 System Domain CLKDIV6 Config SCR System Domain CLKDIV4 0 Internal EMIFA Clock System Domain CLKDIV4 1 Emulation and Trace System Domain CLKDIV4 2 VICP cop_clk/2 System Domain CLKDIV2 VICP cop_clk Ethernet Subsystem Domain SerDes TXBCLK Ethernet Subsystem Copyright © 2007–2012, Texas Instruments Incorporated Peripheral Information and Electrical Specifications 63 Submit Documentation Feedback Product Folder Link(s): TMS320DM647 TMS320DM648 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |