Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETV2685FIBZUTA9 Datasheet(PDF) 42 Page - Texas Instruments

Part # TNETV2685FIBZUTA9
Description  Digital Media Processor
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2685FIBZUTA9 Datasheet(HTML) 42 Page - Texas Instruments

Back Button TNETV2685FIBZUTA9 Datasheet HTML 38Page - Texas Instruments TNETV2685FIBZUTA9 Datasheet HTML 39Page - Texas Instruments TNETV2685FIBZUTA9 Datasheet HTML 40Page - Texas Instruments TNETV2685FIBZUTA9 Datasheet HTML 41Page - Texas Instruments TNETV2685FIBZUTA9 Datasheet HTML 42Page - Texas Instruments TNETV2685FIBZUTA9 Datasheet HTML 43Page - Texas Instruments TNETV2685FIBZUTA9 Datasheet HTML 44Page - Texas Instruments TNETV2685FIBZUTA9 Datasheet HTML 45Page - Texas Instruments TNETV2685FIBZUTA9 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 191 page
background image
TMS320DM647
TMS320DM648
SPRS372H – MAY 2007 – REVISED APRIL 2012
www.ti.com
3.2.4
Priority Allocation (PRI_ALLOC)
Each of the masters (excluding the C64x+ Megamodule) is assigned a priority via the Priority Allocation
Register (PRI_ALLOC), see Figure 3-4. The priority is enforced when several masters in the system are
vying for the same endpoint. A value of 000b has the highest priority, while 111b has the lowest priority.
Note that the configuration SCR port on the data SCR is considered a single endpoint meaning priority will
be enforced when multiple masters try to access the configuration SCR. Priority is also enforced on the
configuration SCR side when a master (through the data SCR) tries to access the same endpoint as the
C64x+ Megamodule.
The Ethernet Subsystem and VLYNQ fields specify the priority of the Ethernet Subsystem and VLYNQ
peripherals, respectively. Similarly, the HOST field applies to the priority of the HPI and PCI peripherals.
Other master peripherals are not present in the PRI_ALLOC register as they have their own registers to
program their priorities. For more information on the default priority values in these peripheral registers,
see the device-compatible peripheral reference guides.
TI recommends that these priority registers be reprogrammed during device initialization.
Table 3-6. Default Master Priorities
MASTER
DEFAULT PRIORITY
EDMA3TC0
0 (EDMA CC QUEPRI Register)
EDMA3TC1
0 (EDMA CC QUEPRI Register)
EDMA3TC2
0 (EDMA CC QUEPRI Register)
EDMA3TC3
0 (EDMA CC QUEPRI Register)
64x+_DMAP
7 (C64x+ MDMAARBE.PRI Register bit field)
64x+_CFGP
1 (C64x+ MDMAARBE.PRI Register bit field)
Ethernet Subsystem
3 (PRI_ALLOC register)
VLYNQ
4 (PRI_ALLOC register)
UHPI
4 (PRI_ALLOC register)
PCI
4 (PRI_ALLOC register)
VICP
5 (PRI_ALLOC register)
Figure 3-4. Priority Allocation Register (PRI_ALLOC)
31
16
Reserved
R-0000000000001000
15
12
11
9
8
6
5
3
2
0
Reserved
VICP
VLYNQ
HOST
Ethernet Subsystem
R-0000
R/W-101
R/W-100
R/W-100
R/W-011
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
42
Device Configuration
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com