Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETV2685FIDZUT5 Datasheet(PDF) 86 Page - Texas Instruments

Part # TNETV2685FIDZUT5
Description  Digital Media Processor
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2685FIDZUT5 Datasheet(HTML) 86 Page - Texas Instruments

Back Button TNETV2685FIDZUT5 Datasheet HTML 82Page - Texas Instruments TNETV2685FIDZUT5 Datasheet HTML 83Page - Texas Instruments TNETV2685FIDZUT5 Datasheet HTML 84Page - Texas Instruments TNETV2685FIDZUT5 Datasheet HTML 85Page - Texas Instruments TNETV2685FIDZUT5 Datasheet HTML 86Page - Texas Instruments TNETV2685FIDZUT5 Datasheet HTML 87Page - Texas Instruments TNETV2685FIDZUT5 Datasheet HTML 88Page - Texas Instruments TNETV2685FIDZUT5 Datasheet HTML 89Page - Texas Instruments TNETV2685FIDZUT5 Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 191 page
background image
TMS320DM647
TMS320DM648
SPRS372H – MAY 2007 – REVISED APRIL 2012
www.ti.com
(c) The C64x+ begins executing from DSPBOOTADDR (determined by bootmode selection).
After the reset sequence, the boot sequence begins. Since the boot and configuration pins are not
latched with a max reset, the previous values (as shown in the BOOTCFG register) are used to
select the bootmode. For more details on the boot sequence, see the Using the
TMS320DM647/DM648 Bootloader Application Report (literature number SPRAAJ1). After the boot
sequence, follow the software initialization sequence.
6.7.4
System Reset
A system reset maintains memory contents and does not reset the clock logic or the test and emulation
circuitry. The device configuration pins are also not re-latched and the state of the peripherals
(enabled/disabled) is also not affected. A system reset is initiated by the PRST pin of PCI peripheral.
During a system reset, the following happens:
1. The RESETSTAT pin goes low to indicate an internal reset is being generated. The reset is allowed to
propagate through the system. Internal system clocks are not affected.
2. After the internal reset signal has propagated, the PLL controllers pause and restart their system
clocks for about 10 cycles of their system reference clocks, but retain their configuration. The PLLs
also remain locked.
3. The boot sequence is started after the system clocks are restarted. Since the configuration pins
(including the BOOTMODE[3:0] pins) are not latched with a system reset, the previous values, as
shown in the BOOTCFG register, are used to select the boot mode.
6.7.5
Peripheral Local Reset
The user can configure the local reset and clock state of a peripheral through programming the PSC.
Table 6-2 identifies the LPSC numbers and the peripherals capable of being locally reset by the PSC. For
more
detailed
information
on
the
programming
of
these
peripherals
by
the
PSC,
see
the
TMS320DM647/TMS320DM648 DSP Subsystem Reference Guide (literature number SPRUEU6).
6.7.6
Reset Priority
If any of the above reset sources occur simultaneously, the PLLCTRL processes only the highest priority
reset request. The reset request priorities are as follows (high to low):
Power-on Reset
Maximum Reset
Warm Reset
System Reset
86
Peripheral Information and Electrical Specifications
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com