| Electronic Components Datasheet Search |
|
TNETV2685FIDZUT7 Datasheet(PDF) 64 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETV2685FIDZUT7 Datasheet(HTML) 64 Page - Texas Instruments |
|
64 / 191 page ![]() TMS320DM647 TMS320DM648 SPRS372H – MAY 2007 – REVISED APRIL 2012 www.ti.com The device architecture is divided into the power and clock domains shown in Table 6-5, which further shows the clock domains and their ratios. Table 6-5. Clock Domain Assignment SUBSYSTEM CLOCK DOMAIN DOMAIN CLOCK SOURCE FIXED RATIO vs SYSREFCLK FREQUENCY DSP Subsystem CLKDIV1 PLLC1.REFSYSCLK - Peripherals (CLKDIV3 Domain) CLKDIV3 PLLC1.SYSCLK1 1:3 Emulation/Trace CLKDIV4 1 PLLC1.SYSCLK2 1:4 Peripherals (CLKDIV6 Domain) CLKDIV6 PLLC1.SYSCLK3 1:6 Internal EMIFA Clock CLKDIV4 0 PLLC1.SYSCLK4 1:4(1) VICP cop_clk/2 CLKDIV4 2 PLLC1.SYSCLK5 1:4 VICP cop_clk CLKDIV2 PLLC1.SYSCLK6 1:2 (1) There is a /2 divider in the path of PLLC1.SYSCLK4 so the effective EMIFA clock is PLLC1.SYSCLK4/2. By default the internal EMIFA Clock is 1:8. 6.3.6 Preserving Boundary-Scan Functionality on DDR2 Memory Pins Similarly, when the DDR2 Memory Controller is not used, the DDR_VREF, RSV19, and RSV20 pins can be connected directly to ground (VSS) to save power. However, this will prevent boundary-scan from functioning on the DDR2 Memory Controller pins. To preserve boundary-scan functionality on the DDR2 Memory Controller pins, DDR_VREF, RSV19, and RSV20 should be connected as follows: • DDR_VREF - connect to a voltage of DVDD18/2. The DVDD18/2 voltage can be generated directly from the DVDD18 supply using two 1-kΩ resistors to form a resistor divider circuit. • RSV19 - connect this pin to the 1.8-V I/O supply (DVDD18) via a 200-Ω resistor • RSV20 - connect this pin to ground (VSS) via a 200-Ω resistor. 64 Peripheral Information and Electrical Specifications Copyright © 2007–2012, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): TMS320DM647 TMS320DM648 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |