Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETV2685FIDZUTA7 Datasheet(PDF) 63 Page - Texas Instruments

Part # TNETV2685FIDZUTA7
Description  Digital Media Processor
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2685FIDZUTA7 Datasheet(HTML) 63 Page - Texas Instruments

Back Button TNETV2685FIDZUTA7 Datasheet HTML 59Page - Texas Instruments TNETV2685FIDZUTA7 Datasheet HTML 60Page - Texas Instruments TNETV2685FIDZUTA7 Datasheet HTML 61Page - Texas Instruments TNETV2685FIDZUTA7 Datasheet HTML 62Page - Texas Instruments TNETV2685FIDZUTA7 Datasheet HTML 63Page - Texas Instruments TNETV2685FIDZUTA7 Datasheet HTML 64Page - Texas Instruments TNETV2685FIDZUTA7 Datasheet HTML 65Page - Texas Instruments TNETV2685FIDZUTA7 Datasheet HTML 66Page - Texas Instruments TNETV2685FIDZUTA7 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 191 page
background image
TMS320DM647
TMS320DM648
www.ti.com
SPRS372H – MAY 2007 – REVISED APRIL 2012
6.3.5
Power and Clock Domains
The device includes two power domains: the System Domain and the Ethernet Subsystem Domain. Both
of these power domains are always on when the chip is on. Both of these domains are powered by the
CVDD pins of the device.
The primary PLL controller generates the input clock to the C64x+ megamodule as well as most of the
system peripherals such as the multichannel audio serial ports (McASPs) and the external memory
interface (EMIFA). The secondary PLL controller generates interface clocks for the DDR2 memory
controller. The Ethernet Subsystem is clocked through the SerDes module, which takes input from
REFCLKP/N. The primary PLL controller (PLL1 controller) uses the device input clock CLKIN1 and the
secondary PLL controller (PLL2 controller) uses the device input clock CLKIN2.
Table 6-4 provides a listing of the clock domains.
Table 6-4. Power and Clock Domains
POWER DOMAIN
CLOCK DOMAIN
PERIPHERAL/MODULE/USAGE
System Domain
CLKDIV1
C64x+ CPU
System Domain
CLKDIV3
EDMA/SCR
System Domain
CLKDIV3
DDR Subsystem
System Domain
CLKDIV3
Video Port 0
System Domain
CLKDIV3
Video Port 1
System Domain
CLKDIV3
Video Port 2
System Domain
CLKDIV3
Video Port 3
System Domain
CLKDIV3
Video Port 4
System Domain
CLKDIV3
EMIFA
System Domain
CLKDIV6
HPI
System Domain
CLKDIV6
PCI
System Domain
CLKDIV6
VLYNQ
System Domain
CLKDIV6
UART
System Domain
CLKDIV6
I2C
System Domain
CLKDIV6
TIMER 0
System Domain
CLKDIV6
TIMER 1
System Domain
CLKDIV6
TIMER 2
System Domain
CLKDIV6
TIMER 3
System Domain
CLKDIV6
SPI
System Domain
CLKDIV6
McASP
System Domain
CLKDIV6
VIC
System Domain
CLKDIV6
GPIO
System Domain
CLKDIV6
PLL Controller 1
System Domain
CLKDIV6
PLL Controller 2
System Domain
CLKDIV6
Config SCR
System Domain
CLKDIV4 0
Internal EMIFA Clock
System Domain
CLKDIV4 1
Emulation and Trace
System Domain
CLKDIV4 2
VICP cop_clk/2
System Domain
CLKDIV2
VICP cop_clk
Ethernet Subsystem Domain
SerDes TXBCLK
Ethernet Subsystem
Copyright © 2007–2012, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
63
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com