Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETV2685VIDZUT11 Datasheet(PDF) 64 Page - Texas Instruments

Part # TNETV2685VIDZUT11
Description  Digital Media Processor
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2685VIDZUT11 Datasheet(HTML) 64 Page - Texas Instruments

Back Button TNETV2685VIDZUT11 Datasheet HTML 60Page - Texas Instruments TNETV2685VIDZUT11 Datasheet HTML 61Page - Texas Instruments TNETV2685VIDZUT11 Datasheet HTML 62Page - Texas Instruments TNETV2685VIDZUT11 Datasheet HTML 63Page - Texas Instruments TNETV2685VIDZUT11 Datasheet HTML 64Page - Texas Instruments TNETV2685VIDZUT11 Datasheet HTML 65Page - Texas Instruments TNETV2685VIDZUT11 Datasheet HTML 66Page - Texas Instruments TNETV2685VIDZUT11 Datasheet HTML 67Page - Texas Instruments TNETV2685VIDZUT11 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 191 page
background image
TMS320DM647
TMS320DM648
SPRS372H – MAY 2007 – REVISED APRIL 2012
www.ti.com
The device architecture is divided into the power and clock domains shown in Table 6-5, which further
shows the clock domains and their ratios.
Table 6-5. Clock Domain Assignment
SUBSYSTEM
CLOCK DOMAIN
DOMAIN CLOCK SOURCE
FIXED RATIO vs SYSREFCLK
FREQUENCY
DSP Subsystem
CLKDIV1
PLLC1.REFSYSCLK
-
Peripherals (CLKDIV3 Domain)
CLKDIV3
PLLC1.SYSCLK1
1:3
Emulation/Trace
CLKDIV4 1
PLLC1.SYSCLK2
1:4
Peripherals (CLKDIV6 Domain)
CLKDIV6
PLLC1.SYSCLK3
1:6
Internal EMIFA Clock
CLKDIV4 0
PLLC1.SYSCLK4
1:4(1)
VICP cop_clk/2
CLKDIV4 2
PLLC1.SYSCLK5
1:4
VICP cop_clk
CLKDIV2
PLLC1.SYSCLK6
1:2
(1)
There is a /2 divider in the path of PLLC1.SYSCLK4 so the effective EMIFA clock is PLLC1.SYSCLK4/2. By default the internal EMIFA
Clock is 1:8.
6.3.6
Preserving Boundary-Scan Functionality on DDR2 Memory Pins
Similarly, when the DDR2 Memory Controller is not used, the DDR_VREF, RSV19, and RSV20 pins can
be connected directly to ground (VSS) to save power. However, this will prevent boundary-scan from
functioning on the DDR2 Memory Controller pins. To preserve boundary-scan functionality on the DDR2
Memory Controller pins, DDR_VREF, RSV19, and RSV20 should be connected as follows:
•
DDR_VREF - connect to a voltage of DVDD18/2. The DVDD18/2 voltage can be generated directly from
the DVDD18 supply using two 1-kΩ resistors to form a resistor divider circuit.
•
RSV19 - connect this pin to the 1.8-V I/O supply (DVDD18) via a 200-Ω resistor
•
RSV20 - connect this pin to ground (VSS) via a 200-Ω resistor.
64
Peripheral Information and Electrical Specifications
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com