Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETV2685VIDZUT5 Datasheet(PDF) 32 Page - Texas Instruments

Part # TNETV2685VIDZUT5
Description  Digital Media Processor
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2685VIDZUT5 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TNETV2685VIDZUT5 Datasheet HTML 28Page - Texas Instruments TNETV2685VIDZUT5 Datasheet HTML 29Page - Texas Instruments TNETV2685VIDZUT5 Datasheet HTML 30Page - Texas Instruments TNETV2685VIDZUT5 Datasheet HTML 31Page - Texas Instruments TNETV2685VIDZUT5 Datasheet HTML 32Page - Texas Instruments TNETV2685VIDZUT5 Datasheet HTML 33Page - Texas Instruments TNETV2685VIDZUT5 Datasheet HTML 34Page - Texas Instruments TNETV2685VIDZUT5 Datasheet HTML 35Page - Texas Instruments TNETV2685VIDZUT5 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 191 page
background image
TMS320DM647
TMS320DM648
SPRS372H – MAY 2007 – REVISED APRIL 2012
www.ti.com
Table 2-5. Terminal Functions (Ground and Power Supply) (continued)
TERMINAL
NO
TYPE(1)
INTERNAL
OPER
DESCRIPTION
NAME
PULLUP/
VOLT
PULLDOWN
DVDD33
G19
3.3-V I/O supply voltage
DVDD33
J7
3.3-V I/O supply voltage
DVDD33
H16
3.3-V I/O supply voltage
DVDD33
H22
3.3-V I/O supply voltage
DVDD33
J17
3.3-V I/O supply voltage
DVDD33
K8
3.3-V I/O supply voltage
DVDD33
K16
3.3-V I/O supply voltage
DVDD33
L7
3.3-V I/O supply voltage
DVDD33
L17
3.3-V I/O supply voltage
DVDD33
M8
3.3-V I/O supply voltage
DVDD33
M16
3.3-V I/O supply voltage
DVDD33
M23
3.3-V I/O supply voltage
DVDD33
N2
3.3-V I/O supply voltage
DVDD33
N7
3.3-V I/O supply voltage
DVDD33
N17
3.3-V I/O supply voltage
DVDD33
P8
3.3-V I/O supply voltage
DVDD33
P16
3.3-V I/O supply voltage
DVDD33
R7
3.3-V I/O supply voltage
DVDD33
R17
3.3-V I/O supply voltage
DVDD33
T8
3.3-V I/O supply voltage
DVDD33
T12
3.3-V I/O supply voltage
DVDD33
T14
3.3-V I/O supply voltage
DVDD33
T23
3.3-V I/O supply voltage
DVDD33
AB7
3.3-V I/O supply voltage
DVDD33
U15
3.3-V I/O supply voltage
DVDD33
U17
3.3-V I/O supply voltage
DVDD33
V2
3.3-V I/O supply voltage
DVDD33
V16
3.3-V I/O supply voltage
DVDD33
W23
3.3-V I/O supply voltage
DVDD33
Y4
3.3-V I/O supply voltage
DVDD33
Y8
3.3-V I/O supply voltage
DVDD33
AB16
3.3-V I/O supply voltage
DVDD33
AC2
3.3-V I/O supply voltage
DVDD33
AC5
3.3-V I/O supply voltage
DVDD33
AB12
3.3-V I/O supply voltage
DVDD33
AC19
3.3-V I/O supply voltage
DVDD33
AC23
3.3-V I/O supply voltage
DVDD18
B1
1.8-V I/O supply voltage (DDR2 Memory Controller)
DVDD18
B5
1.8-V I/O supply voltage (DDR2 Memory Controller)
DVDD18
B15
1.8-V I/O supply voltage (DDR2 Memory Controller)
DVDD18
B18
1.8-V I/O supply voltage (DDR2 Memory Controller)
DVDD18
B23
1.8-V I/O supply voltage (DDR2 Memory Controller)
DVDD18
C3
1.8-V I/O supply voltage (DDR2 Memory Controller)
DVDD18
C10
1.8-V I/O supply voltage (DDR2 Memory Controller)
DVDD18
C13
1.8-V I/O supply voltage (DDR2 Memory Controller)
DVDD18
C21
1.8-V I/O supply voltage (DDR2 Memory Controller)
32
Device Overview
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com