Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3985IM5X-3.2 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3985IM5X-3.2
Description  Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3985IM5X-3.2 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LP3985IM5X-3.2 Datasheet HTML 1Page - National Semiconductor (TI) LP3985IM5X-3.2 Datasheet HTML 2Page - National Semiconductor (TI) LP3985IM5X-3.2 Datasheet HTML 3Page - National Semiconductor (TI) LP3985IM5X-3.2 Datasheet HTML 4Page - National Semiconductor (TI) LP3985IM5X-3.2 Datasheet HTML 5Page - National Semiconductor (TI) LP3985IM5X-3.2 Datasheet HTML 6Page - National Semiconductor (TI) LP3985IM5X-3.2 Datasheet HTML 7Page - National Semiconductor (TI) LP3985IM5X-3.2 Datasheet HTML 8Page - National Semiconductor (TI) LP3985IM5X-3.2 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Ordering Information
BP refers to 0.170mm bump size, 0.900mm height for micro SMD Package
Output
Voltage (V)
Grade
LP3985 Supplied as 250
Units, Tape and Reel
LP3985 Supplied as 3000
Units, Tape and Reel
2.5
STD
LP3985IBP-2.5
LP3985IBPX-2.5
2.6
STD
LP3985IBP-2.6
LP3985IBPX-2.6
2.7
STD
LP3985IBP-2.7
LP3985IBPX-2.7
2.8
STD
LP3985IBP-2.8
LP3985IBPX-2.8
2.85
STD
LP3985IBP-285
LP3985IBPX-285
2.9
STD
LP3985IBP-2.9
LP3985IBPX-2.9
3.0
STD
LP3985IBP-3.0
LP3985IBPX-3.0
3.1
STD
LP3985IBP-3.1
LP3985IBPX-3.1
3.2
STD
LP3985IBP-3.2
LP3985IBPX-3.2
3.3
STD
LP3985IBP-3.3
LP3985IBPX-3.3
4.7
STD
LP3985IBP-4.7
LP3985IBPX-4.7
5.0
STD
LP3985IBP-5.0
LP3985IBPX-5.0
BL refers to 0.300mm bump size, 0.995mm height for micro SMD Package
Output
Voltage (V)
Grade
LP3985 Supplied as 250
Units, Tape and Reel
LP3985 Supplied as 3000
Units, Tape and Reel
2.5
STD
LP3985IBL-2.5
LP3985IBLX-2.5
2.6
STD
LP3985IBL-2.6
LP3985IBLX-2.6
2.7
STD
LP3985IBL-2.7
LP3985IBLX-2.7
2.8
STD
LP3985IBL-2.8
LP3985IBLX-2.8
2.85
STD
LP3985IBL-285
LP3985IBLX-285
2.9
STD
LP3985IBL-2.9
LP3985IBLX-2.9
3.0
STD
LP3985IBL-3.0
LP3985IBLX-3.0
3.1
STD
LP3985IBL-3.1
LP3985IBLX-3.1
3.2
STD
LP3985IBL-3.2
LP3985IBLX-3.2
3.3
STD
LP3985IBL-3.3
LP3985IBLX-3.3
4.8
STD
LP3985IBL-4.8
LP3985IBLX-4.8
5.0
STD
LP3985IBL-5.0
LP3985IBLX-5.0
TL refers to 0.300mm bump size, 0.600mm height for micro SMD Package
Output
Voltage (V)
Grade
LP3985 Supplied as 250
Units, Tape and Reel
LP3985 Supplied as 3000
Units, Tape and Reel
2.5
STD
LP3985ITL-2.5
LP3985ITLX-2.5
2.6
STD
LP3985ITL-2.6
LP3985ITLX-2.6
2.7
STD
LP3985ITL-2.7
LP3985ITLX-2.7
2.8
STD
LP3985ITL-2.8
LP3985ITLX-2.8
2.85
STD
LP3985ITL-285
LP3985ITLX-285
2.9
STD
LP3985ITL-2.9
LP3985ITLX-2.9
3.0
STD
LP3985ITL-3.0
LP3985ITLX-3.0
3.1
STD
LP3985ITL-3.1
LP3985ITLX-3.1
3.2
STD
LP3985ITL-3.2
LP3985ITLX-3.2
3.3
STD
LP3985ITL-3.3
LP3985ITLX-3.3
4.8
STD
LP3985ITL-4.8
LP3985ITLX-4.8
5.0
STD
LP3985ITL-5.0
LP3985ITLX-5.0
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com