Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV4120 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV4120
Description  HIGH OUTPUT CURRENT DIFFERENTIAL DRIVE OPERATIONAL AMPLIFIER WITH SHUTDOWN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV4120 Datasheet(HTML) 1 Page - Texas Instruments

  TLV4120 Datasheet HTML 1Page - Texas Instruments TLV4120 Datasheet HTML 2Page - Texas Instruments TLV4120 Datasheet HTML 3Page - Texas Instruments TLV4120 Datasheet HTML 4Page - Texas Instruments TLV4120 Datasheet HTML 5Page - Texas Instruments TLV4120 Datasheet HTML 6Page - Texas Instruments TLV4120 Datasheet HTML 7Page - Texas Instruments TLV4120 Datasheet HTML 8Page - Texas Instruments TLV4120 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TLV4120
HIGH OUTPUT CURRENT DIFFERENTIAL DRIVE OPERATIONAL
AMPLIFIER WITH SHUTDOWN
SLOS310A – DECEMBER 2000 – REVISED MARCH 2001
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D High Output Current Differential
Drive . . . >200 mA
D Rail-To-Rail Output
D Unity-Gain Bandwidth . . . 2.4 MHz
D Slew Rate . . . 1.5 V/µs
D Supply Current . . . 1.4 mA
D Supply Voltage Range . . . 2.7 V to 5.5 V
D Specified Temperature Range:
– TA = –40°C to 85°C . . . Industrial Grade
description
The TLV4120 single supply operational differential amplifier provides a differential output current in excess of
200 mA at 5 V. This enables the amplifier to be used as high current line drivers, buffers, or coil driver
applications. The TLV4120 has a shutdown feature that reduces the supply current down to 6
µA when the
amplifier is not active in the application.
The TLV4120 is available in the ultrasmall MSOP PowerPAD
 package, which offers the exceptional thermal
impedance required for amplifiers delivering high current levels.
AVAILABLE OPTIONS
TA
DEVICE
NUMBER OF
PACKAGE TYPES
SYMBOL
SHUTDOWN
TA
DEVICE
CHANNELS
MSOP (DGN)†
SYMBOL
SHUTDOWN
–40
°C to 85°C
TLV4120
1
TLV4120IDGN
xxTIAHU
Yes
† This package is available taped and reeled. To order this packaging option, add an R suffix to the part number (e.g.,
TLV4120IDGNR).
functional block diagram
Bias
Control
6
5
7
VO+
VDD
1
2
4
IN –
VDD/2
SHDN
VO–8
GND
3
IN+
–
+
–
+
A1
A2
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
SHDN
VDD/2
IN+
IN–
VO–
GND
VDD
VO+
DGN PACKAGE
(TOP VIEW)
PowerPAD is a trademark of Texas Instruments.


Similar Part No. - TLV4120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV4120IDGN TI1-TLV4120IDGN Datasheet
1Mb / 26P
HIGH OUTPUT CURRENT DIFFERENTIAL DRIVE OPERATIONAL AMPLIFIER WITH SHUTDOWN
TLV4120IDGNG4 TI1-TLV4120IDGNG4 Datasheet
1Mb / 26P
HIGH OUTPUT CURRENT DIFFERENTIAL DRIVE OPERATIONAL AMPLIFIER WITH SHUTDOWN
TLV4120IDGNR TI1-TLV4120IDGNR Datasheet
1Mb / 26P
HIGH OUTPUT CURRENT DIFFERENTIAL DRIVE OPERATIONAL AMPLIFIER WITH SHUTDOWN
TLV4120 TI1-TLV4120_14 Datasheet
1Mb / 26P
HIGH OUTPUT CURRENT DIFFERENTIAL DRIVE OPERATIONAL AMPLIFIER WITH SHUTDOWN
More results

Similar Description - TLV4120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV4110 TI-TLV4110 Datasheet
396Kb / 21P
FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
National Semiconductor ...
LMV710 NSC-LMV710 Datasheet
708Kb / 19P
Low Power, RRIO Operational Amplifiers with High Output Current Drive and Shutdown Option
logo
Texas Instruments
LMV710 TI-LMV710 Datasheet
404Kb / 15P
SINGLE LOW-POWER RRIO OPERATIONAL AMPLIFIERS WITH HIGH OUTPUT CURRENT DRIVE AND SHUTDOWN
LMV710 TI1-LMV710 Datasheet
483Kb / 20P
Low Power, RRIO Operational Amplifiers with High Output Current Drive and Shutdown Option
TLV4113-EP TI1-TLV4113-EP Datasheet
884Kb / 25P
HIGH-OUTPUT-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV4110 TI1-TLV4110_13 Datasheet
1Mb / 35P
FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
LMV710-N TI1-LMV710-N_16 Datasheet
775Kb / 25P
Low-Power, RRIO Operational Amplifiers With High Output Current Drive and Shutdown Option
TLV4112-DIE TI1-TLV4112-DIE Datasheet
74Kb / 5P
HIGH-OUTPUT-DRIVE OPERATIONAL AMPLIFIER WITH SHUTDOWN
TLV4120 TI1-TLV4120_14 Datasheet
1Mb / 26P
HIGH OUTPUT CURRENT DIFFERENTIAL DRIVE OPERATIONAL AMPLIFIER WITH SHUTDOWN
logo
Analog Devices
ADA4312-1 AD-ADA4312-1 Datasheet
578Kb / 13P
Wideband, Differential, High Output Current Line Driver with Shutdown
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com