Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFTHV41FX2637 Datasheet(PDF) 13 Page - AVX Corporation

Part # DFTHV41FX2637
Description  Medium Power Film Capacitors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

DFTHV41FX2637 Datasheet(HTML) 13 Page - AVX Corporation

Back Button DFTHV41FX2637 Datasheet HTML 5Page - AVX Corporation DFTHV41FX2637 Datasheet HTML 6Page - AVX Corporation DFTHV41FX2637 Datasheet HTML 7Page - AVX Corporation DFTHV41FX2637 Datasheet HTML 8Page - AVX Corporation DFTHV41FX2637 Datasheet HTML 9Page - AVX Corporation DFTHV41FX2637 Datasheet HTML 10Page - AVX Corporation DFTHV41FX2637 Datasheet HTML 11Page - AVX Corporation DFTHV41FX2637 Datasheet HTML 12Page - AVX Corporation DFTHV41FX2637 Datasheet HTML 13Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
67
092315
Medium Power Film Capacitors
FFHV/FTHV 1500Vdc to 3000Vdc
CALCULATION FORM
SPECIFICATION
CALCULATIONS
Capacitance
C (μF)
Working voltage
Uw (V)
Rms current
Irms (Arms)
Frequency
f (Hz)
Ripple voltage
Ur (V)
Ambient temperature
θamb (°C)
Lifetime @ Uw,Irms and
θamb
hours
Parasitic inductance
L (nH)
PN
Capacitance
C (μF)
Rated voltage
Un (V)
Serial resistance
Rs (mΩ)
between
Rth (°C/W)
hot spot and case
Your choice
Maximum ripple voltage
Urmax = 0.2 Un
Urmax =
V
The maximum ripple voltage of the selected capacitor must be in any case higher than the ripple voltage of your application
Ratio Uw/Un
ρ = Uw/Un
ρ =
Joule losses
Pj = RsxIrms2
Pj =
W
Dielectric losses
Pd = Qxtg
δ0=Qx 2.10-4
Pd =
W
Hot spot temperature
θHS = θamb+(Pj+Pd)xRth
θHS =
°C
The hot spot temperature must be in any case lower than 85°C
LIFETIME EXPECTANCY VS HOT SPOT TEMPERATURE AND VOLTAGE
1.5
1.4
1.3
1.2
1.1
1
0.9
0.8
0.7
100
1,000
10,000
100,000
1,000,000
Lifetime Expectancy (hours)
θHS = 60ºC
θHS = 70ºC
θHS = 80ºC
θHS = 85ºC
Expected lifetime at hot spot calculated and U = Uw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com