Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH20LCD06C Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH20LCD06C
Description  low reverse current
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH20LCD06C Datasheet(HTML) 1 Page - STMicroelectronics

  STTH20LCD06C Datasheet HTML 1Page - STMicroelectronics STTH20LCD06C Datasheet HTML 2Page - STMicroelectronics STTH20LCD06C Datasheet HTML 3Page - STMicroelectronics STTH20LCD06C Datasheet HTML 4Page - STMicroelectronics STTH20LCD06C Datasheet HTML 5Page - STMicroelectronics STTH20LCD06C Datasheet HTML 6Page - STMicroelectronics STTH20LCD06C Datasheet HTML 7Page - STMicroelectronics STTH20LCD06C Datasheet HTML 8Page - STMicroelectronics STTH20LCD06C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
January 2011
Doc ID 15898 Rev 2
1/10
10
STTH20LCD06C
Turbo2 ultrafast - high voltage rectifier for SMPS
Features
ultrafast switching
low reverse current
low thermal resistance
reduces conduction and switching losses
Description
The STTH20LCD06C uses ST Turbo2 technology.
This device is specially suited for switching power
supplies working with interleaved PFCs.
Table 1.
Device summary
IF(AV)
2 x 10 A
VRRM
600 V
Tj
175 °C
VF (typ)
1.25 V
trr (max)
50 ns
A1
K
A2
A1
K
A2
K
A1
A2
K
A1
A2
TO-220AB
STTH20LCD06CT
TO-220FPAB
STTH20LCD06CFP
D2PAK
STTH20LCD06CG-TR
www.st.com


Similar Part No. - STTH20LCD06C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH20L03C STMICROELECTRONICS-STTH20L03C Datasheet
177Kb / 9P
High frequency secondary rectifier
22-Jun-2012
STTH20L03C STMICROELECTRONICS-STTH20L03C Datasheet
561Kb / 13P
High frequency secondary rectifier
07-Oct-2016
logo
Inchange Semiconductor ...
STTH20L03CG ISC-STTH20L03CG Datasheet
316Kb / 2P
Ultra fast Rectifier
logo
STMicroelectronics
STTH20L03CG-TR STMICROELECTRONICS-STTH20L03CG-TR Datasheet
177Kb / 9P
High frequency secondary rectifier
22-Jun-2012
STTH20L03CG-TR STMICROELECTRONICS-STTH20L03CG-TR Datasheet
561Kb / 13P
High frequency secondary rectifier
07-Oct-2016
More results

Similar Description - STTH20LCD06C

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MBR1060L-TA3-T UTC-MBR1060L-TA3-T Datasheet
131Kb / 3P
Low Reverse Current
MBR40150CL-TA3-T UTC-MBR40150CL-TA3-T Datasheet
132Kb / 3P
Low Reverse Current
logo
STMicroelectronics
STTH15S12 STMICROELECTRONICS-STTH15S12 Datasheet
281Kb / 10P
Low reverse current
18-Sep-2014
STTH30ST06-Y STMICROELECTRONICS-STTH30ST06-Y Datasheet
180Kb / 11P
Low reverse current
14-Jan-2015
STTH80S06 STMICROELECTRONICS-STTH80S06 Datasheet
251Kb / 8P
Low reverse current
22-Jul-2015
STTH30R06C STMICROELECTRONICS-STTH30R06C Datasheet
232Kb / 9P
Low reverse current
18-Jun-2014
STTH30W03C STMICROELECTRONICS-STTH30W03C Datasheet
177Kb / 8P
Low reverse recovery current
18-May-2012
STTH60AC06C STMICROELECTRONICS-STTH60AC06C Datasheet
400Kb / 13P
Low reverse current
29-Mar-2017
STTH30R04 STMICROELECTRONICS-STTH30R04 Datasheet
370Kb / 10P
Low reverse current
31-Mar-2007
logo
New Jersey Semi-Conduct...
MBR150 NJSEMI-MBR150 Datasheet
144Kb / 2P
Low Reverse Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com