Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3985IM5X-3.3 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3985IM5X-3.3
Description  Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3985IM5X-3.3 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LP3985IM5X-3.3 Datasheet HTML 1Page - National Semiconductor (TI) LP3985IM5X-3.3 Datasheet HTML 2Page - National Semiconductor (TI) LP3985IM5X-3.3 Datasheet HTML 3Page - National Semiconductor (TI) LP3985IM5X-3.3 Datasheet HTML 4Page - National Semiconductor (TI) LP3985IM5X-3.3 Datasheet HTML 5Page - National Semiconductor (TI) LP3985IM5X-3.3 Datasheet HTML 6Page - National Semiconductor (TI) LP3985IM5X-3.3 Datasheet HTML 7Page - National Semiconductor (TI) LP3985IM5X-3.3 Datasheet HTML 8Page - National Semiconductor (TI) LP3985IM5X-3.3 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Block Diagram
10136401
Pin Description
Name
* micro SMD
SOT
Function
V
EN
A1
3
Enable Input Logic, Enable High
GND
B2
2
Common Ground
V
OUT
C1
5
Output Voltage of the LDO
V
IN
C3
1
Input Voltage of the LDO
BYPASS
A3
4
Optional Bypass Capacitor for Noise
Reduction
* The pin numbering scheme for the micro SMD package was revised in April 2002 to conform to JEDEC standard. Only the pin numbers were
revised. No changes to the physical location of the inputs/outputs were made. For reference purposes, the obsolete numbering scheme had VEN
as pin 1, GND as pin 2, VOUT as pin 3, VIN as pin 4, and BYPASS as pin 5.
Connection Diagrams
SOT 23-5 Package (MF)
5 Bump micro SMD Package (BPA05, BLA05, TLA05)
10136407
Top View
See NS Package Number MF05A
10136470
Top View
See NS Package Number BPA05, BLA05, TLA05
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com