Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF20NM65N Datasheet(PDF) 4 Page - STMicroelectronics

Part # STF20NM65N
Description  Low gate input resistance
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF20NM65N Datasheet(HTML) 4 Page - STMicroelectronics

  STF20NM65N Datasheet HTML 1Page - STMicroelectronics STF20NM65N Datasheet HTML 2Page - STMicroelectronics STF20NM65N Datasheet HTML 3Page - STMicroelectronics STF20NM65N Datasheet HTML 4Page - STMicroelectronics STF20NM65N Datasheet HTML 5Page - STMicroelectronics STF20NM65N Datasheet HTML 6Page - STMicroelectronics STF20NM65N Datasheet HTML 7Page - STMicroelectronics STF20NM65N Datasheet HTML 8Page - STMicroelectronics STF20NM65N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical characteristics STB20NM65N-STI20NM65N-STF20NM65N-STP20NM65N-STW20NM65N
4/18
2
Electrical characteristics
(TCASE=25°C unless otherwise specified)
Table 5.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
ID = 1mA, VGS = 0
650
V
dv/dt (1)
1.
Characteristic value at turn off on inductive load
Drain source voltage slope
Vdd=520V, Id=19A,
Vgs=10V
35
V/ns
IDSS
Zero gate voltage
drain current (VGS = 0)
VDS = Max rating
VDS = Max rating, @125 °C
1
100
µA
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ± 20V
±100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
2
3
4
V
RDS(on)
Static drain-source on
resistance
VGS = 10V, ID = 9.5 A
0.16
0.19
Ω
Table 6.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
gfs
(1)
1.
Pulsed: pulse duration = 300µs, duty cycle 1.5%
Forward transconductance
VDS=15 V, ID = 9.5A
14
S
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 50V, f = 1 MHz,
VGS = 0
2500
120
10
pF
pF
pF
Coss eq
(2)
2.
Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS
increases from 0 to 80% VDSS
Equivalent output
capacitance
VGS = 0V, VDS = 0V to 520V
310
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD = 520V, ID = 19A,
VGS = 10V,
(see Figure 19)
70
10
40
nC
nC
nC
RG
Gate input resistance
f=1 MHz gate DC bias = 0
Test signal level = 20mV
open drain
2.5
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com