Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW56N65M2-4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW56N65M2-4
Description  Extremely low gate charge
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW56N65M2-4 Datasheet(HTML) 1 Page - STMicroelectronics

  STW56N65M2-4 Datasheet HTML 1Page - STMicroelectronics STW56N65M2-4 Datasheet HTML 2Page - STMicroelectronics STW56N65M2-4 Datasheet HTML 3Page - STMicroelectronics STW56N65M2-4 Datasheet HTML 4Page - STMicroelectronics STW56N65M2-4 Datasheet HTML 5Page - STMicroelectronics STW56N65M2-4 Datasheet HTML 6Page - STMicroelectronics STW56N65M2-4 Datasheet HTML 7Page - STMicroelectronics STW56N65M2-4 Datasheet HTML 8Page - STMicroelectronics STW56N65M2-4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
This is information on a product in full production.
December 2014
DocID027307 Rev 1
1/12
STW56N65M2-4
N-channel 650 V, 0.049
Ω typ., 49 A MDmesh™ M2
Power MOSFET in a TO247-4 package
Datasheet
- production data
Figure 1. Internal schematic diagram
Features
• Excellent switching performance thanks to the
extra driving source pin
• Extremely low gate charge
• Excellent output capacitance (Coss) profile
• 100% avalanche tested
• Zener-protected
Applications
• Switching applications
Description
This device is an N-channel Power MOSFET
developed using MDmesh™ M2 technology.
Thanks to its strip layout and an improved vertical
structure, the device exhibits low on-resistance
and optimized switching characteristics, rendering
it suitable for the most demanding high efficiency
converters.
Order code
VDS
RDS(on) max
ID
STW56N65M2-4
650 V
0.062
Ω
49 A
Table 1. Device summary
Order code
Marking
Package
Packaging
STW56N65M2-4
56N65M2
TO247-4
Tube
www.st.com


Similar Part No. - STW56N65M2-4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW56N65M2 STMICROELECTRONICS-STW56N65M2 Datasheet
730Kb / 12P
Extremely low gate charge
December 2014 Rev 1
More results

Similar Description - STW56N65M2-4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STWA48N60M2 STMICROELECTRONICS-STWA48N60M2 Datasheet
776Kb / 12P
Extremely low gate charge
01-Dec-2015
STB28N60M2 STMICROELECTRONICS-STB28N60M2 Datasheet
1Mb / 21P
Extremely low gate charge
14-Mar-2017
STD7N60M2 STMICROELECTRONICS-STD7N60M2 Datasheet
1Mb / 21P
Extremely low gate charge
June 2013 Rev 1
STD11N65M2 STMICROELECTRONICS-STD11N65M2 Datasheet
1Mb / 21P
Extremely low gate charge
16-May-2014
STF5N60M2 STMICROELECTRONICS-STF5N60M2 Datasheet
743Kb / 13P
Extremely low gate charge
15-Jun-2016
STF7N65M2 STMICROELECTRONICS-STF7N65M2 Datasheet
904Kb / 13P
Extremely low gate charge
07-Aug-2014
STL7N60M2 STMICROELECTRONICS-STL7N60M2 Datasheet
310Kb / 13P
Extremely low gate charge
26-Jan-2015
STL13N65M2 STMICROELECTRONICS-STL13N65M2 Datasheet
642Kb / 16P
Extremely low gate charge
18-Dec-2014
STL19N60M2 STMICROELECTRONICS-STL19N60M2 Datasheet
770Kb / 15P
Extremely low gate charge
27-Jan-2016
STW56N65M2 STMICROELECTRONICS-STW56N65M2 Datasheet
730Kb / 12P
Extremely low gate charge
December 2014 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com