Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3431IZ Datasheet(PDF) 11 Page - STMicroelectronics

Part # TS3431IZ
Description  1.24V Programmable Shunt Voltage Reference
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3431IZ Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TS3431IZ Datasheet HTML 3Page - STMicroelectronics TS3431IZ Datasheet HTML 4Page - STMicroelectronics TS3431IZ Datasheet HTML 5Page - STMicroelectronics TS3431IZ Datasheet HTML 6Page - STMicroelectronics TS3431IZ Datasheet HTML 7Page - STMicroelectronics TS3431IZ Datasheet HTML 8Page - STMicroelectronics TS3431IZ Datasheet HTML 9Page - STMicroelectronics TS3431IZ Datasheet HTML 10Page - STMicroelectronics TS3431IZ Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Revision History
TS3431
11/11
4 Revision History
Date
Revision
Description of Changes
01 Jan. 2004
1
First Release
01 Dec. 2004
2
Specific content changes as follows:
•
CI version added in Table: Order Codes on page 1
•
Rthjc information added in Table1: Key parameters and their absolute
maximum ratings on page 2
•
Test condition added in Table3: Tamb = 25°C (unless otherwise
specified) on page 3
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted
by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject
to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not
authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
All other names are the property of their respective owners
© 2004 STMicroelectronics - All rights reserved
STMicroelectronics group of companies
Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan -
Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America
www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com