Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB42N65M5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB42N65M5
Description  N-channel 650 V, 0.070 Ω, 33 A MDmesh™ V Power MOSFET in I2PAK, TO-220, TO-220FP, D2PAK and TO-247
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB42N65M5 Datasheet(HTML) 1 Page - STMicroelectronics

  STB42N65M5 Datasheet HTML 1Page - STMicroelectronics STB42N65M5 Datasheet HTML 2Page - STMicroelectronics STB42N65M5 Datasheet HTML 3Page - STMicroelectronics STB42N65M5 Datasheet HTML 4Page - STMicroelectronics STB42N65M5 Datasheet HTML 5Page - STMicroelectronics STB42N65M5 Datasheet HTML 6Page - STMicroelectronics STB42N65M5 Datasheet HTML 7Page - STMicroelectronics STB42N65M5 Datasheet HTML 8Page - STMicroelectronics STB42N65M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
June 2009
Doc ID 15317 Rev 3
1/18
18
STx42N65M5
N-channel 650 V, 0.070
Ω, 33 A MDmesh™ V Power MOSFET
in I2PAK, TO-220, TO-220FP, D2PAK and TO-247
Features
■ TO-220 worldwide best RDS(on)
■ Higher VDSS rating
■ High dv/dt capability
■ Excellent switching performance
■ Easy to drive
■ 100% avalanche tested
Application
■ Switching applications
Description
MDmesh™ V is a revolutionary Power MOSFET
technology based on an innovative proprietary
vertical process, which is combined with
STMicroelectronics’ well-known PowerMESH™
horizontal layout structure. The resulting product
has extremely low on-resistance, which is
unmatched among silicon-based Power
MOSFETs, making it especially suitable for
applications which require superior power density
and outstanding efficiencies.
Figure 1.
Internal schematic diagram
Type
VDSS @
TJmax
RDS(on)
max
ID
STB42N65M5
STF42N65M5
STI42N65M5
STP42N65M5
STW42N65M5
710 V
710 V
710 V
710 V
710 V
< 0.079
Ω
< 0.079
Ω
< 0.079
Ω
< 0.079
Ω
< 0.079
Ω
33 A
33 A (1)
33 A
33 A
33 A
1.
Limited only by maximum temperature allowed
1
2
3
1
2
3
1
3
TO-220FP
D²PAK
TO-220
1
2
3
TO-247
1
2
3
I²PAK
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STB42N65M5
STF42N65M5
STI42N65M5
STP42N65M5
STW42N65M5
42N65M5
42N65M5
42N65M5
42N65M5
42N65M5
D²PAK
TO-220FP
I²PAK
TO-220
TO-247
Tape and reel
Tube
Tube
Tube
Tube
www.st.com


Similar Part No. - STB42N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB42N65M5 STMICROELECTRONICS-STB42N65M5 Datasheet
1Mb / 18P
N-channel 650 V, 0.070 廓, 33 A MDmesh??V Power MOSFET in I2PAK, TO-220, TO-220FP, D2PAK and TO-247
12-Jun-2009
STB42N65M5 STMICROELECTRONICS-STB42N65M5 Datasheet
1Mb / 18P
N-channel 650 V, 0.070 廓, 33 A MDmesh??V Power MOSFET in I2PAK, TO-220, TO-220FP, D2PAK and TO-247
12-Jun-2009
STB42N65M5 STMICROELECTRONICS-STB42N65M5 Datasheet
1Mb / 18P
N-channel 650 V, 0.070 ohm, 33 A MDmesh V Power MOSFET
12-Jun-2009
logo
Inchange Semiconductor ...
STB42N65M5 ISC-STB42N65M5 Datasheet
313Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STB42N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB16NM50N STMICROELECTRONICS-STB16NM50N Datasheet
554Kb / 18P
N-channel 500 V - 0.21 Ω - 15 A MDmesh??II Power MOSFET D2PAK - I2PAK - TO-220 - TO-247- TO-220FP
04-Mar-2008
STB13NM50N STMICROELECTRONICS-STB13NM50N_08 Datasheet
573Kb / 18P
N-channel 500 V - 0.250 Ω - 12 A MDmesh??II Power MOSFET TO-220 - TO-247 - TO-220FP - I2PAK - D2PAK
04-Mar-2008
STB14NM65N STMICROELECTRONICS-STB14NM65N Datasheet
550Kb / 18P
N-channel 650 V, 0.33 Ω, 12 A MDmesh??II Power MOSFET TO-220, TO-220FP, D2PAK, I2PAK, TO-247
14-Oct-2008
STW24NM65N STMICROELECTRONICS-STW24NM65N Datasheet
552Kb / 19P
N-channel 650 V - 0.16 廓 - 19 A - TO-220 - TO-220FP - D2PAK I2PAK - TO-247 second generation MDmesh??Power MOSFET
14-Feb-2008
STB42N65M5 STMICROELECTRONICS-STB42N65M5 Datasheet
1Mb / 18P
N-channel 650 V, 0.070 廓, 33 A MDmesh??V Power MOSFET in I2PAK, TO-220, TO-220FP, D2PAK and TO-247
12-Jun-2009
STF42N65M5 STMICROELECTRONICS-STF42N65M5 Datasheet
1Mb / 18P
N-channel 650 V, 0.070 廓, 33 A MDmesh??V Power MOSFET in I2PAK, TO-220, TO-220FP, D2PAK and TO-247
12-Jun-2009
STF31N65M5 STMICROELECTRONICS-STF31N65M5 Datasheet
1Mb / 25P
N-channel 650 V, 0.124 typ., 22 A MDmesh V Power MOSFET in D2PAK, TO-220FP, I2PakFP, TO-220 and TO-247 packages
05-Mar-2013
STP30NM50N STMICROELECTRONICS-STP30NM50N Datasheet
628Kb / 18P
N-channel 500 V, 0.090 廓, 27 A MDmesh??II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
23-Sep-2008
STF20N65M5 STMICROELECTRONICS-STF20N65M5 Datasheet
1Mb / 21P
N-channel 650 V, 0.160 Ω typ., 18 A MDmesh™ V Power MOSFET in D2PAK, I2PAK, TO-220 and TO-247 packages
February 2013 Rev 2
STF34N65M5 STMICROELECTRONICS-STF34N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.09 typ., 28 A MDmesh V Power MOSFETs in D2PAK, I2PAK, TO-220 and TO-247 packages
02-Oct-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com