Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T635T-8T Datasheet(PDF) 3 Page - STMicroelectronics

Part # T635T-8T
Description  6 A Snubberless™ Triac
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T635T-8T Datasheet(HTML) 3 Page - STMicroelectronics

  T635T-8T Datasheet HTML 1Page - STMicroelectronics T635T-8T Datasheet HTML 2Page - STMicroelectronics T635T-8T Datasheet HTML 3Page - STMicroelectronics T635T-8T Datasheet HTML 4Page - STMicroelectronics T635T-8T Datasheet HTML 5Page - STMicroelectronics T635T-8T Datasheet HTML 6Page - STMicroelectronics T635T-8T Datasheet HTML 7Page - STMicroelectronics T635T-8T Datasheet HTML 8Page - STMicroelectronics T635T-8T Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DocID024571 Rev 3
3/9
T635T-8T
Characteristics
Table 4. Static characteristics
Symbol
Test conditions
Value
Unit
VT
(1)
ITM = 8.5 A, tp = 380 µs
Tj = 25 °C
Max.
1.55
V
Vt0
(1)
Threshold voltage
Tj = 150 °C
Max.
0.85
V
Rd
(1)
Dynamic resistance
Tj = 150 °C
Max.
75
m
Ω
IDRM
IRRM
VDRM = VRRM = 800 V
Tj = 25 °C
Max.
5µA
Tj = 125 °C
0.6
mA
VDRM = VRRM = 600 V
Tj = 150 °C
Max.
2.0
1. For both polarities of A2 referenced to A1
Table 5. Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case (AC)
2.1
°C/W
Rth(j-a)
Junction to ambient
60
°C/W
Figure 1. Maximum power dissipation versus
on-state rms current (full cycle)
Figure 2. On-state rms current versus case
temperature (full cycle)
P(W)
0
2
4
6
8
012
3456
IT(RMS)(A)
a =180°
180°
IT(RMS)(A)
0
1
2
3
4
5
6
7
0
25
50
75
100
125
150
TC(°C)
a =180°
Figure 3. On-state rms current versus ambient
temperature (free air convection)
Figure 4. Relative variation of thermal
impedance versus pulse duration
IT(RMS)(A)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
25
50
75
100
125
150
a = 180°
Ta(°C)
K = [Zth / Rth]
1.0E-02
1.0E-01
1.0E+00
1.0E-01
1.0E+00
1.0E+01
1.0E+02
1.0E+03
Zth(j-a)
Zth(j-c)
tp (s)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com