Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3431AILT Datasheet(PDF) 10 Page - STMicroelectronics

Part # TS3431AILT
Description  1.24V Programmable Shunt Voltage Reference
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3431AILT Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TS3431AILT Datasheet HTML 3Page - STMicroelectronics TS3431AILT Datasheet HTML 4Page - STMicroelectronics TS3431AILT Datasheet HTML 5Page - STMicroelectronics TS3431AILT Datasheet HTML 6Page - STMicroelectronics TS3431AILT Datasheet HTML 7Page - STMicroelectronics TS3431AILT Datasheet HTML 8Page - STMicroelectronics TS3431AILT Datasheet HTML 9Page - STMicroelectronics TS3431AILT Datasheet HTML 10Page - STMicroelectronics TS3431AILT Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
TS3431
Package Mechanical Data
10/11
3.4 SOT23-3L Package
DIM.
mm.
mils
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
0.890
1.120
35.05
44.12
A1
0.010
0.100
0.39
3.94
A2
0.880
0.950
1.020
34.65
37.41
40.17
b
0.300
0.500
11.81
19.69
C
0.080
0.200
3.15
7.88
D
2.800
2.900
3.040
110.26
114.17
119.72
E
2.100
2.64
82.70
103.96
E1
1.200
1.300
1.400
47.26
51.19
55.13
e
0.950
37.41
e1
1.900
74.82
L
0.400
0.600
15.75
23.63
L1
0.540
21.27
k8°
SOT23-3L MECHANICAL DATA
D
e
e1
b
C
SEATING
PLANE
0.25
GAUGE
PLANE
c
7110469/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com