Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM8050H-8D3 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TM8050H-8D3
Description  AC-DC rectifier controlled bridge
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TM8050H-8D3 Datasheet(HTML) 5 Page - STMicroelectronics

  TM8050H-8D3 Datasheet HTML 1Page - STMicroelectronics TM8050H-8D3 Datasheet HTML 2Page - STMicroelectronics TM8050H-8D3 Datasheet HTML 3Page - STMicroelectronics TM8050H-8D3 Datasheet HTML 4Page - STMicroelectronics TM8050H-8D3 Datasheet HTML 5Page - STMicroelectronics TM8050H-8D3 Datasheet HTML 6Page - STMicroelectronics TM8050H-8D3 Datasheet HTML 7Page - STMicroelectronics TM8050H-8D3 Datasheet HTML 8Page - STMicroelectronics TM8050H-8D3 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TM8050H-8D3
Characteristics
DocID028948 Rev 3
5/9
Figure 7: Surge peak on-state current versus
number of cycles
Figure 8: Non repetitive surge peak on-state
current for a half cycle sine pulse versus pulse
width (tp < 10 ms)
Figure 9: Relative variation of holding current and
latching current versus junction temperature
(typical values)
Figure 10: Relative variation of gate trigger current
and gate voltage versus junction temperature
Figure 11: Relative variation of leakage current
versus junction temperature for different values of
blocking voltage
Figure 12: Relative variation of static dV/dt
immunity versus junction temperature
(typical values)
0
50
100
150
200
250
300
350
400
450
500
550
600
650
700
750
1
10
100
1000
Number of cycles
ITSM(A)
Non repetitive
Tj initial = 25 °C
Repetitive
Tc = 130 °C
10
100
1000
10000
0.01
0.10
1.00
10.00
ITSM(A)
dI/dt limitation: 200 A/µs
ITSM
T
j initial = 25 °C
tP(ms)
0.0
0.3
0.5
0.8
1.0
1.3
1.5
1.8
2.0
-50
-25
0
25
50
75
100
125
150
Tj(°C)
IH
IL
IH, IL [Tj] / IH, IL [Tj = 25 °C]
0.0
0.5
1.0
1.5
2.0
-50
-25
0
25
50
75
100
125
150
Tj(°C)
IGT
VGT
IGT, VGT [Tj] / IGT, VGT [Tj = 25 °C]
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
25
50
75
100
125
150
V
DRM= VRRM= 800 V
(typical values)
V
DRM = VRRM= 600 V
(typical values)
V
DRM= VRRM = 800 V
(maximum values)
Tj(°C)
IDRM, IRRM [Tj, VDRM, VRRM] / IDRM, IRRM [150 °C, 800 V]
0
1
2
3
4
5
10
30
50
70
90
110
130
150
VD= 0.67 x VDRM
Tj(°C)
dV/dt [Tj] / dV/dt [Tj = 150 °C]



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com