Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPDVXX40 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TPDVXX40
Description  40 A high voltage Triacs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TPDVXX40 Datasheet(HTML) 3 Page - STMicroelectronics

  TPDVXX40 Datasheet HTML 1Page - STMicroelectronics TPDVXX40 Datasheet HTML 2Page - STMicroelectronics TPDVXX40 Datasheet HTML 3Page - STMicroelectronics TPDVXX40 Datasheet HTML 4Page - STMicroelectronics TPDVXX40 Datasheet HTML 5Page - STMicroelectronics TPDVXX40 Datasheet HTML 6Page - STMicroelectronics TPDVXX40 Datasheet HTML 7Page - STMicroelectronics TPDVXX40 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DocID18270 Rev 2
3/8
TPDVxx40
Characteristics
8
Table 4. Gate characteristics (maximum values)
Symbol
Parameter
Value
Unit
PG(AV)
Average gate power dissipation
1
W
PGM
Peak gate power dissipation
tp = 20 µs
40
W
IGM
Peak gate current
tp = 20 µs
8
A
VGM
Peak positive gate voltage
tp = 20 µs
16
V
Table 5. Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction to ambient
50
°C/W
Rth(j-c) DC
Junction to case for DC
1.2
°C/W
Rth(j-c) AC
Junction to case for 360 °conduction angle (F = 50 Hz)
0.9
°C/W
Figure 1. Max. rms power dissipation versus
on-state rms current (F = 50 Hz)
(curves limited by (dI/dt)c)
Figure 2. Max. rms power dissipation and max.
allowable temperatures (Tamb and Tcase) for
various Rth
Figure 3. On-state rms current versus case
temperature
Figure 4. Relative variation of thermal
impedance versus pulse duration



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com