Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBF170L Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMBF170L
Description  Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBF170L Datasheet(HTML) 2 Page - ON Semiconductor

  MMBF170L Datasheet HTML 1Page - ON Semiconductor MMBF170L Datasheet HTML 2Page - ON Semiconductor MMBF170L Datasheet HTML 3Page - ON Semiconductor MMBF170L Datasheet HTML 4Page - ON Semiconductor MMBF170L Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MMBF170L, NVBF170L
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Drain−Source Breakdown Voltage (VGS = 0, ID = 100 mA)
V(BR)DSS
60
−
Vdc
Gate−Body Leakage Current, Forward (VGSF = 15 Vdc, VDS = 0)
IGSS
−
10
nAdc
ON CHARACTERISTICS (Note 1)
Gate Threshold Voltage (VDS = VGS, ID = 1.0 mA)
VGS(th)
0.8
3.0
Vdc
Static Drain−Source On−Resistance (VGS = 10 Vdc, ID = 200 mA)
rDS(on)
−
5.0
W
On−State Drain Current (VDS = 25 Vdc, VGS = 0)
ID(off)
−
0.5
mA
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 10 Vdc, VGS = 0 V, f = 1.0 MHz)
Ciss
−
60
pF
SWITCHING CHARACTERISTICS (Note 1)
Turn−On Delay Time
(VDD = 25 Vdc, ID = 500 mA, Rgen = 50 W)
Figure 1
td(on)
−
10
ns
Turn−Off Delay Time
td(off)
−
10
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. Pulse Test: Pulse Width v 300 ms, Duty Cycle v 2.0%.
ORDERING INFORMATION
Device
Package
Shipping†
MMBF170LT1G
SOT−23 (TO−236)
(Pb−Free)
3000 / Tape & Reel
MMBF170LT3G
SOT−23 (TO−236)
(Pb−Free)
10000 / Tape & Reel
NVBF170LT1G*
SOT−23 (TO−236)
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
Figure 1. Switching Test Circuit
Figure 2. Switching Waveform
20 dB 50
W
ATTENUATOR
PULSE
GENERATOR
50
W
50
W
1 M
W
Vout
125
W
+25 V
40 pF
Vin
TO SAMPLING
SCOPE
50
W INPUT
PULSE WIDTH
50%
90%
50%
10%
10%
90%
90%
Vin
OUTPUT
INVERTED
INPUT
(Vin AMPLITUDE 10 VOLTS)
Vout
toff
tf
td(off)
ton
td(on)
tr



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com