Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A5975D Datasheet(PDF) 16 Page - STMicroelectronics

Part # A5975D
Description  Voltage feed-forward
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5975D Datasheet(HTML) 16 Page - STMicroelectronics

Back Button A5975D Datasheet HTML 12Page - STMicroelectronics A5975D Datasheet HTML 13Page - STMicroelectronics A5975D Datasheet HTML 14Page - STMicroelectronics A5975D Datasheet HTML 15Page - STMicroelectronics A5975D Datasheet HTML 16Page - STMicroelectronics A5975D Datasheet HTML 17Page - STMicroelectronics A5975D Datasheet HTML 18Page - STMicroelectronics A5975D Datasheet HTML 19Page - STMicroelectronics A5975D Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
Functional description
A5975D
16/50
Doc ID 018760 Rev 1
However, there is a limit introduced by the recovery time of the recirculation diode.
In fact, when the current of the power element is equal to the inductor current, the diode
turns off and the drain of the power is able to go high. But, during its recovery time, the diode
can be considered a high value capacitor and this produces a very high peak current,
responsible for numerous problems:
●
Spikes on the device supply voltage that cause oscillations (and therefore noise) due to
the board parasites
●
Turn-on overcurrent leads to a decrease in the efficiency and system reliability
●
Major EMI problems
●
Shorter free-wheeling diode life
The fall time of the current during turn-off is also critical, as it produces voltage spikes (due
to the parasitic elements of the board) that increase the voltage drop across the PDMOS.
In order to minimize these problems, a new driving circuit topology has been used (the block
diagram is shown in Figure 8). The basic idea is to change the current levels used to turn
the power switch on and off, based on the PDMOS and the gate clamp status.
This circuitry allows the power switch to be turned off and on quickly and addresses the
free-wheeling diode recovery time problem. The gate clamp is necessary to ensure that VGS
of the internal switch does not go higher than VGSmax. The on/off control block protects
against any cross conduction between the supply line and ground.
Figure 8.
Driving circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com