Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6727 Datasheet(PDF) 15 Page - STMicroelectronics

Part # A6727
Description  Adjustable output voltage
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6727 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button A6727 Datasheet HTML 11Page - STMicroelectronics A6727 Datasheet HTML 12Page - STMicroelectronics A6727 Datasheet HTML 13Page - STMicroelectronics A6727 Datasheet HTML 14Page - STMicroelectronics A6727 Datasheet HTML 15Page - STMicroelectronics A6727 Datasheet HTML 16Page - STMicroelectronics A6727 Datasheet HTML 17Page - STMicroelectronics A6727 Datasheet HTML 18Page - STMicroelectronics A6727 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
DocID025003 Rev 1
15/29
A6727
Output voltage monitor and protections
8
Output voltage monitor and protections
The A6727 monitors the voltage at FB pin and compares it to internal reference voltage in
order to provide undervoltage and overvoltage protections.
8.1
Undervoltage protection
If the voltage at FB pin drops below UV threshold (0.6 V typ.), the device turns off both HS
and LS MOSFETs, waits for 2048 clock cycles and then performs a new soft-start. If
undervoltage condition is not removed, the device enters the hiccup mode with a typical
period of 13.6 ms.
UVP is active from the end of soft-start.
8.2
Overvoltage protection
If the voltage at FB pin rises over OV threshold (1 V typ.), overvoltage protection turns off
HS MOSFET and turns on LS MOSFET overriding PWM logic as long as overvoltage is
detected.
OVP is always active with top priority as soon as the overcurrent threshold setting phase
has been completed.
8.3
Feedback disconnection protection
In order to provide load protection even if FB pin is not connected, a 100 nA bias current is
always sourced from this pin. If FB pin is not connected, this current permanently pulls up
FB over OVP threshold: thus LS is latched on preventing output voltage from rising out of
control.
8.4
Undervoltage lock out
In order to avoid anomalous behaviors of the device when the supply voltage is too low to
support its internal rails, UVLO is provided: the device starts up when VCC reaches UVLO
upper threshold and shut downs when VCC drops below UVLO lower threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com