Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KFXX Datasheet(PDF) 10 Page - STMicroelectronics

Part # KFXX
Description  Very low drop voltage regulators with inhibit
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

KFXX Datasheet(HTML) 10 Page - STMicroelectronics

Back Button KFXX Datasheet HTML 6Page - STMicroelectronics KFXX Datasheet HTML 7Page - STMicroelectronics KFXX Datasheet HTML 8Page - STMicroelectronics KFXX Datasheet HTML 9Page - STMicroelectronics KFXX Datasheet HTML 10Page - STMicroelectronics KFXX Datasheet HTML 11Page - STMicroelectronics KFXX Datasheet HTML 12Page - STMicroelectronics KFXX Datasheet HTML 13Page - STMicroelectronics KFXX Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Typical performance characteristics
KFXX
10/21
DocID4337 Rev 13
5
Typical performance characteristics
Unless otherwise specified VO(NOM) = 3.3 V.
Figure 4. Dropout voltage vs. output current
Figure 5. Dropout voltage vs. temperature
Figure 6. Supply current vs. input voltage
(IOUT = 500 mA)
Figure 7. Supply current vs. input voltage
(IOUT = 0 mA)
Figure 8. Short circuit current vs. input voltage
Figure 9. SVR vs. output current (f= 120 Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com