Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78M05 Datasheet(PDF) 39 Page - STMicroelectronics

Part # 78M05
Description  Precision 500 mA regulators
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

78M05 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button 78M05 Datasheet HTML 35Page - STMicroelectronics 78M05 Datasheet HTML 36Page - STMicroelectronics 78M05 Datasheet HTML 37Page - STMicroelectronics 78M05 Datasheet HTML 38Page - STMicroelectronics 78M05 Datasheet HTML 39Page - STMicroelectronics 78M05 Datasheet HTML 40Page - STMicroelectronics 78M05 Datasheet HTML 41Page - STMicroelectronics 78M05 Datasheet HTML 42Page - STMicroelectronics 78M05 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
L78M
Package information
DocID2146 Rev 21
39/47
Table 22: DPAK (TO-252) type I mechanical data
Dim.
mm
Min.
Typ.
Max.
A
2.20
2.30
2.38
A1
0.90
1.01
1.10
A2
0.00
-
0.10
b
0.77
-
0.89
b1
0.76
0.81
0.86
b2
0.77
-
1.10
b3
5.23
5.33
5.43
c
0.47
-
0.60
c1
0.46
0.51
0.56
c2
0.47
-
0.60
D
6.00
6.10
6.20
D1
5.25
5.40
5.60
E
6.50
6.60
6.70
E1
4.70
4.85
5.00
e
2.286 BSC
H
9.80
10.10
10.40
L
1.40
1.50
1.70
L1
2.90 REF
L2
0.90
-
1.25
L3
0.51 BSC
L4
0.60
0.80
1.00
L5
0.90
-
1.50
L6
1.80 BSC
Ө
0°
-
8°
Ө
5°
7°
9°
Ө
5°
7°
9°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com