Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5150BN Datasheet(PDF) 5 Page - STMicroelectronics

Part # L5150BN
Description  Low quiescent current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5150BN Datasheet(HTML) 5 Page - STMicroelectronics

  L5150BN Datasheet HTML 1Page - STMicroelectronics L5150BN Datasheet HTML 2Page - STMicroelectronics L5150BN Datasheet HTML 3Page - STMicroelectronics L5150BN Datasheet HTML 4Page - STMicroelectronics L5150BN Datasheet HTML 5Page - STMicroelectronics L5150BN Datasheet HTML 6Page - STMicroelectronics L5150BN Datasheet HTML 7Page - STMicroelectronics L5150BN Datasheet HTML 8Page - STMicroelectronics L5150BN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
DocID15541 Rev 10
5/20
L5150BN
Block diagram and pins description
19
1
Block diagram and pins description
Figure 1. Block diagram
Table 2. Pins description
N°
Pin name(1)
1. For the pins configuration see outlines at page 1.
Function
1VS
Supply voltage, block directly to GND on the IC with a
capacitor.
2
GND
Ground reference
3Vo
5 V regulated output. Block to GND with a ceramic capacitor
(C0 ≥ 220 nF for regulator stability)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com