Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6732C Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6732C
Description  Soft-start and inhibit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6732C Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6732C Datasheet HTML 11Page - STMicroelectronics L6732C Datasheet HTML 12Page - STMicroelectronics L6732C Datasheet HTML 13Page - STMicroelectronics L6732C Datasheet HTML 14Page - STMicroelectronics L6732C Datasheet HTML 15Page - STMicroelectronics L6732C Datasheet HTML 16Page - STMicroelectronics L6732C Datasheet HTML 17Page - STMicroelectronics L6732C Datasheet HTML 18Page - STMicroelectronics L6732C Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
L6732C
5 Device description
15/32
5.8
Monitoring and protections
The output voltage is monitored by means of pin FB. If it is not within ±10% (typ.) of the
programmed value, the Power-Good (PGOOD) output is forced low.
The device provides over-voltage-protection: when the voltage sensed on FB pin reaches a
value 20% (typ.) greater than the reference, the low-side driver is turned on as long as the over
voltage is detected (see Figure 7.).
It must be taken into account that there is an electrical network between the output terminal and
the FB pin and therefore the voltage at the pin is not a perfect replica of the output voltage.
However due to the fact that the converter can sink current, in the most of cases the low-side
will turn-on before the output voltage exceeds the over-voltage threshold, because the error
amplifier will throw off balance in advance. Even if the device doesn't report an over-voltage,
the behavior is the same, because the low-side is turned-on immediately. The following figure
shows the device behavior during an over-voltage event. The output voltage rises with a slope
of 100mV/µs, emulating in this way the breaking of the high-side MOSFET as an over-voltage
cause.
Figure 7.
OVP
LGate
FB
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com