Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6739 Datasheet(PDF) 22 Page - STMicroelectronics

Part # L6739
Description  CPU and DSP power supply
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6739 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L6739 Datasheet HTML 18Page - STMicroelectronics L6739 Datasheet HTML 19Page - STMicroelectronics L6739 Datasheet HTML 20Page - STMicroelectronics L6739 Datasheet HTML 21Page - STMicroelectronics L6739 Datasheet HTML 22Page - STMicroelectronics L6739 Datasheet HTML 23Page - STMicroelectronics L6739 Datasheet HTML 24Page - STMicroelectronics L6739 Datasheet HTML 25Page - STMicroelectronics L6739 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
Application details
L6739
22/30
DocID026384 Rev 1
the same high current trace on more than one PCB layer reduces the parasitic resistance
associated to that connection.
Connect output bulk capacitors (COUT) as near as possible to the load, minimizing parasitic
inductance and resistance associated to the copper trace, also adding extra decoupling
capacitors along the way to the load when this results in being far from the bulk capacitors
bank.
Remote sense connection must be routed as parallel nets from the FBG/VSEN pins to the
load in order to avoid the pickup of any common mode noise. Connecting these pins in
points far from the load causes a non-optimum load regulation, increasing output tolerance.
Locate current reading components close to the device. The PCB traces connecting the
reading point must use dedicated nets, routed as parallel traces in order to avoid the pickup
of any common mode noise. It's also important, to avoid any offset in the measurement and,
to get a better precision, to connect the traces as close as possible to the sensing elements.
A small filtering capacitor can be added, near the controller, between VOUT and GND, on the
CSN line to allow higher layout flexibility.
Figure 11. Power connections (heavy lines)
Gate traces and phase trace must be sized according to the driver RMS current delivered to
the power MOSFET. The device robustness allows the managing of applications with the
power section far from the controller without losing performance. However, when possible, it
is recommended to minimize the distance between the controller and power section.
Small signal components and connections to critical nodes of the application, as well as
bypass capacitors for the device supply, are also important. Locate the bypass capacitor
(VCC and bootstrap capacitor) and feedback compensation components as close to the
device as practical.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com