Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6995STR Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6995STR
Description  LOSSLESS CURRENT LIMIT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6995STR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6995STR Datasheet HTML 13Page - STMicroelectronics L6995STR Datasheet HTML 14Page - STMicroelectronics L6995STR Datasheet HTML 15Page - STMicroelectronics L6995STR Datasheet HTML 16Page - STMicroelectronics L6995STR Datasheet HTML 17Page - STMicroelectronics L6995STR Datasheet HTML 18Page - STMicroelectronics L6995STR Datasheet HTML 19Page - STMicroelectronics L6995STR Datasheet HTML 20Page - STMicroelectronics L6995STR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
17/26
L6995S
Eq 20
Considering a switching frequency around 270kHz from the equation above the ripple current is around 7A.
So the maximum ESR should be:
Eq 21
The dynamic specifications are sometimes more relaxed than the static requirements so the ESR value around
7m
Ω should be enough.
The current ripple flows through the output capacitor, so the output capacitors should be calculated also to sus-
tain this ripple: the RMS current value is given from Eq22.
Eq 22
But this is usually a negligible constrain when choosing output capacitor.
To allow the device control loop to work properly output capacitor zero should be at the least ten times smaller
than switching frequency. The output capacitor value (COUT) and the output capacitor ESR (ESROUT) should be
large enough and small enough, to keep the output voltage ripple within the specification and to give to the de-
vice a minimum signal to noise ratio.
6.4 Power MOSFETS and Schottky Diodes
Since a 5V bus powers the gate drivers of the device, the use of logic-level MOSFETS is highly recommended,
especially for high current applications. The breakdown voltage VBRDSS must be greater than VINMAX with a
certain margin.
The RDSON can be selected once the allowable power dissipation has been established. By selecting identical
Power MOSFET for the main switch and the synchronous rectifier, the total power they dissipate does not de-
pend on the duty cycle. Thus, if PON is this power loss (few percent of the rated output power), the required
RDSON (@ 25 °C) can be derived from:
Eq 23
α is the temperature coefficient of RDSON (typically, α = 510-3 °C-1 for these low-voltage classes) and ∆T the
admitted temperature rise. It is worth noticing, however, that generally the lower RDSON, the higher is the gate
charge QG, which leads to a higher gate drive consumption. In fact, each switching cycle, a charge QG moves
from the input source to ground, resulting in an equivalent drive current:
Eq 24
For application with low Duty Cycle, where the input voltage is high (around 20V) it is very important to select
the high side MOSFET with low gate charge, to reduce the switching losses as STS11NF3LL. For the low side
section should be selected a low RDSON as STS25NH3LL.
A SCHOTTKY diode can be added to increase the system efficiency at high switching frequency (where the
dead times could be an important part of total switching period).
This optional diode must be placed in parallel to the synchronous rectifier must have a reverse voltage VRRM
greater than VINMAX. The current size of the diode must be selected in order to keep it in safe operating condi-
tions.
I
Vin
Vo
L
-----------------------
Vo
Vin
--------- T
sw
⋅⋅
=
ESR
V
ripple
I
2
-----
---------------------
7m
==
Icout
rms
1
23
----------- I
L
=
RDS
ON
P
ON
Iout
2
1
α
T
+
()
-------------------------------------------------
=
Iq
Qg F
SW
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com