Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD39115J14R Datasheet(PDF) 5 Page - STMicroelectronics

Part # LD39115J14R
Description  150 mA guaranteed output current
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39115J14R Datasheet(HTML) 5 Page - STMicroelectronics

  LD39115J14R Datasheet HTML 1Page - STMicroelectronics LD39115J14R Datasheet HTML 2Page - STMicroelectronics LD39115J14R Datasheet HTML 3Page - STMicroelectronics LD39115J14R Datasheet HTML 4Page - STMicroelectronics LD39115J14R Datasheet HTML 5Page - STMicroelectronics LD39115J14R Datasheet HTML 6Page - STMicroelectronics LD39115J14R Datasheet HTML 7Page - STMicroelectronics LD39115J14R Datasheet HTML 8Page - STMicroelectronics LD39115J14R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
DocID15527 Rev 6
5/21
LD39115J
Typical application
21
3
Typical application
Figure 3. Typical application circuit
1 µF
IN
EN
V
EN
V
IN
OUT
Load
GND
1 µF
V
OUT
1 µF
IN
EN
V
EN
V
IN
OUT
Load
GND
1 µF
V
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com