Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD39130S Datasheet(PDF) 8 Page - STMicroelectronics

Part # LD39130S
Description  Portable media players
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39130S Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LD39130S Datasheet HTML 4Page - STMicroelectronics LD39130S Datasheet HTML 5Page - STMicroelectronics LD39130S Datasheet HTML 6Page - STMicroelectronics LD39130S Datasheet HTML 7Page - STMicroelectronics LD39130S Datasheet HTML 8Page - STMicroelectronics LD39130S Datasheet HTML 9Page - STMicroelectronics LD39130S Datasheet HTML 10Page - STMicroelectronics LD39130S Datasheet HTML 11Page - STMicroelectronics LD39130S Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Maximum ratings
LD39130S
8/27
DocID025199 Rev 2
IOUT
Output current
300
mA
VEN
Enable input logic low
VIN = 1.4 V to 5.5 V, -40 °C < TJ <1 25 °C
0.4
V
Enable input logic high
VIN = 1.4 V to 5.5 V, -40 °C < TJ < 125 °C
1
IEN
Enable pin input current VSHDN = VIN
100
nA
IGH
Normal mode switch
threshold
Change from light load to normal load
VGM = GND
(2)
10
mA
IGL
Green mode switch
threshold
Change from normal load to light load
VGM= GND
(2)
12
VGM
(2)
Green mode input logic
low
VIN = 1.4 V to 5.5 V, -40 °C < TJ < 125 °C
0.4
V
Green mode input logic
high
VIN = 1.4 V to 5.5 V, -40 °C <TJ < 125 °C
1
IGM
(2)
Green mode pin current
100
nA
TON(3)
Turn-on time
100
µs
TSHDN
Thermal shutdown
160
°C
Hysteresis
20
COUT
Output capacitor
Capacitance (see Section 6: Typical
characteristics)
0.33
22
µF
1.
Dropout voltage is the input-to-output voltage difference at which the output voltage is 100 mV below its nominal value.
2.
On DFN6 package version only.
3.
Turn-on time is time measured between the enable input just exceeding V
EN high value and the output voltage just reaching
95% of its nominal value.
Table 5. LD39130S/LD39130SJ electrical characteristics (fixed versions) (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com