Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LFXX Datasheet(PDF) 52 Page - STMicroelectronics

Part # LFXX
Description  Logic-controlled electronic shutdown
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LFXX Datasheet(HTML) 52 Page - STMicroelectronics

Back Button LFXX Datasheet HTML 46Page - STMicroelectronics LFXX Datasheet HTML 47Page - STMicroelectronics LFXX Datasheet HTML 48Page - STMicroelectronics LFXX Datasheet HTML 49Page - STMicroelectronics LFXX Datasheet HTML 50Page - STMicroelectronics LFXX Datasheet HTML 51Page - STMicroelectronics LFXX Datasheet HTML 52Page - STMicroelectronics LFXX Datasheet HTML 53Page - STMicroelectronics LFXX Datasheet HTML 54Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 52 / 54 page
background image
Ordering information
LFXX
52/54
DocID2574 Rev 30
7
Ordering information
Table 35. Order code
Packages
Output
voltages
TO-220
TO-220
(dual gauge)
TO-220FP
DPAK (tape and reel)
PPAK (tape and reel)
LF15ABDT-TR
1.5 V
LF18CDT-TR
LF18CPT-TR
1.8 V
LF18CDT-TRY(1)
1.
Automotive grade products.
1.8 V
LF18ABDT-TR
LF18ABPT-TR
1.8 V
LF25CDT-TR
LF25CPT-TR
2.5 V
LF25CDT-TRY(1)
2.5 V
LF25ABDT-TR
2.5 V
LF25ABDT-TRY(1)
2.5 V
LF33CV
LF33CV-DG
LF33CDT-TR
LF33CPT-TR
3.3 V
LF33CDT-TRY(1)
LF33CPT-TRY(1)
3.3 V
LF33ABV
LF33ABV-DG
LF33ABDT-TR
3.3 V
LF50CV
LF50CV-DG
LF50CDT-TR
LF50CPT-TR
5 V
LF50CDT-TRY(1)
LF50CPT-TRY(1)
5 V
LF50ABV
LF50ABV-DG
LF50ABDT-TR
LF50ABPT-TR
5 V
LF50ACP
5 V
LF50ABDT-TRY(1)
5 V
LF60CV
LF60CDT-TR
6 V
LF60ABV
LF60ABDT-TR
6 V
LF80CDT-TR
8 V
LF80CDT-TRY(1)
8 V
LF80ABDT-TR
8 V
LF85CDT-TR
LF85CPT-TR
8.5 V
LF85CDT-TRY(1)
LF85CPT-TRY(1)
8.5 V
LF90CV
LF90CPT-TR
9 V
LF120CDT-TR
12 V
LF120ABV
LF120ABDT-TR
12 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com