Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1S14 Datasheet(PDF) 42 Page - STMicroelectronics

Part # ST1S14
Description  Power good open collector output
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S14 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button ST1S14 Datasheet HTML 38Page - STMicroelectronics ST1S14 Datasheet HTML 39Page - STMicroelectronics ST1S14 Datasheet HTML 40Page - STMicroelectronics ST1S14 Datasheet HTML 41Page - STMicroelectronics ST1S14 Datasheet HTML 42Page - STMicroelectronics ST1S14 Datasheet HTML 43Page - STMicroelectronics ST1S14 Datasheet HTML 44Page - STMicroelectronics ST1S14 Datasheet HTML 45Page - STMicroelectronics ST1S14 Datasheet HTML 46Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 42 / 46 page
background image
Package mechanical data
ST1S14
42/46
DocID17977 Rev 2
9
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK
specifications, grade definitions, and product status are available at www.st.com.
ECOPACK is an ST trademark.
Table 12. HSOP8 mechanical data
Dim.
mm
Min.
Typ.
Max.
A
1.75
A1
0.15
A2
1.25
b
0.38
0.51
c
0.17
0.25
D
4.80
4.90
5.00
D1
3.10
3.30
3.50
E
5.80
6.00
6.20
E1
3.80
3.90
4.00
E2
2.20
2.40
2.60
e1.27
h
0.30
0.50
L
0.45
0.80
k0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com