Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1S50 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST1S50
Description  Solid state disk drive, Blu-ray, DVD
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S50 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST1S50 Datasheet HTML 6Page - STMicroelectronics ST1S50 Datasheet HTML 7Page - STMicroelectronics ST1S50 Datasheet HTML 8Page - STMicroelectronics ST1S50 Datasheet HTML 9Page - STMicroelectronics ST1S50 Datasheet HTML 10Page - STMicroelectronics ST1S50 Datasheet HTML 11Page - STMicroelectronics ST1S50 Datasheet HTML 12Page - STMicroelectronics ST1S50 Datasheet HTML 13Page - STMicroelectronics ST1S50 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Functional description
ST1S50
10/29
DocID025723 Rev 4
In Figure 4 is shown the simple small signal model for the peak current mode control loop.
Figure 4. Block diagram of the loop for the small signal analysis
Three main terms can be identified to obtain the loop transfer function:
1.
From control (output of E/A) to output, GCO(s).
2.
From output (VOUT) to FB pin, GDIV(s).
3.
From FB pin to control (output of E/A), GEA(s).
The transfer function from control to output GCO(s) results:
Equation 1
where RLOAD represents load resistance, Ri the equivalent sensing resistor of the current
sense circuitry,
p the single pole introduced by the LC filter and z the zero given by the
ESR of the output capacitor.
FH(s) accounts the sampling effect performed by the PWM comparator on the output of the
error amplifier that introduces a double pole at one half of the switching frequency.
Equation 2
L
Cout
Current sense
Logic
And
Driver
Slope
Compensation
PWM comparator
Error Amp
Rc
Cc
R1
R2
0.8V
High side
Switch
Low side
Switch
GCO(s)
GDIV(s)
GEA(s)
VIN
VC
VOUT
VFB
GCO s

RLOAD
Ri
------------------
1
1
Rout TSW
L
----------------------------
mC 1D
 0.5

+
---------------------------------------------------------------------------------------------
1
s
z
------
+


1
s
p
------
+


---------------------- FH s


=
Z
1
ESR COUT
-------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com