Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0139 Datasheet(PDF) 22 Page - STMicroelectronics

Part # UM0139
Description  The ST7-EMU3 series emulators are the third generation of high-end emulators for ST7
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0139 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button UM0139 Datasheet HTML 18Page - STMicroelectronics UM0139 Datasheet HTML 19Page - STMicroelectronics UM0139 Datasheet HTML 20Page - STMicroelectronics UM0139 Datasheet HTML 21Page - STMicroelectronics UM0139 Datasheet HTML 22Page - STMicroelectronics UM0139 Datasheet HTML 23Page - STMicroelectronics UM0139 Datasheet HTML 24Page - STMicroelectronics UM0139 Datasheet HTML 25Page - STMicroelectronics UM0139 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
Emulation Characteristics
UM0139
22/38
Table 5 shows the Hardware Simulations that are available, depending on the target MCU
that you have chosen in the MCU Configuration window.
The simulation scenarios that you may choose in the Hardware Simulation window are:
●
LVD (Low Voltage Detector) Reset: When this simulation is chosen, a chip reset is
generated immediately, as if low voltage had been detected by the emulator. The reset
generated typically lasts 30 µs.
●
AVD (Auxiliary Voltage Detector) Interrupt + LVD Reset: When this simulation is
chosen, an interrupt occurs immediately and lasts for a configurable duration. Once the
duration of the interrupt is over, a chip reset occurs (lasting 30 µs typically), and
immediately afterwards, another interrupt of the same configured duration occurs. To
configure the duration of the two interrupts, click on the downward arrow button, and
type in the duration in µs in the Delay field.
This simulation scenario allows you to simulate a power-down of the chip (first
interrupt), followed by a reset, and a power-up of the chip (2nd interrupt). By varying the
duration of the interrupts preceding and following the chip reset, you can simulate
different rates of powering down and up.
●
Clock Filter Interrupt: This feature is available with only certain target MCUs—see
Table 5. When this simulation is chosen, an interrupt occurs immediately, of
configurable duration. Once the interrupt is over, the program continues running. To
configure the duration of the interrupts, click on the downward arrow button, and type in
the duration in
µs in the Delay field.
In the Hardware Simulation window, choose the scenario you wish to simulate on the
emulator, and enter the duration of the interrupts (if applicable). Click Send to begin the
simulation.
Table 5.
Hardware simulation functions by target MCU
Target MCU
Hardware simulations available
ST7226x
LVD Reset
AVD Interrupt + LVD Reset
Clock Filter Interrupt
ST7LITEx
ST7DALI
LVD Reset
AVD Interrupt + LVD Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com