Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1765 Datasheet(PDF) 10 Page - STMicroelectronics

Part # UM1765
Description  Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1765 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button UM1765 Datasheet HTML 6Page - STMicroelectronics UM1765 Datasheet HTML 7Page - STMicroelectronics UM1765 Datasheet HTML 8Page - STMicroelectronics UM1765 Datasheet HTML 9Page - STMicroelectronics UM1765 Datasheet HTML 10Page - STMicroelectronics UM1765 Datasheet HTML 11Page - STMicroelectronics UM1765 Datasheet HTML 12Page - STMicroelectronics UM1765 Datasheet HTML 13Page - STMicroelectronics UM1765 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Board schematic and bill of material
UM1765
10/14
DocID026346 Rev 5
5
Board schematic and bill of material
Table 3. Bill of materials (part 1)
Item
Quantity
Reference
Part
Note
1
4
C1, C17, C20, C22
1u_0402_X5R
VBAT & SMPS OUT filter cap
2
6
C2, C16, C18, C19, C21, C23
100n_0402_X7R
VBAT filtering
3
2
C3, C15
100p_0402_C0G
VBAT filtering
4
1
C4
150n_0402_X5R
VREG filtering
5
2
C5, C6
22p_0402_C0G
32 kHz XTAL load cap
6
1
C27
56p_0402_C0G
TX/RX balun cap
7
1
C24
56p_0402_C0G
TX/RX bypass cap
8
1
C25
TBD_0402_COG
Tuning cap
9
1
C26
TBD_0402_COG
Tuning cap
10
1
L4
TBD_0402
Tuning cap
11
2
C13, C14
15p_0402_C0G
16 MHz XTAL load cap
12 (1)
1
L1
LF-XTAL filtering ind
13
1
L2
HF-XTAL filtering ind
14
1
J1
THR 1.27 mm 2x5 pins
Test connector
15
1
J2
RF_IN/OUT
UFL jack assembly, End Launch
16
1
U4
BALF-NRG-01D3
Integrated balun for BlueNRG
QFN32
17
1
CN5
Extra-long 10 pins female-
male strip
Female side mounted to the top
18
2
CN6, CN9
Extra-long 8 pins female-
male strip
Female side mounted to the top
19
CN8
Extra-long 6 pins female-
male strip
Female side mounted to the top
20
1
Q1
XTAL
XTAL
21
1
Q2
XTAL
XTAL
22
5
R1, R3, R4, R5, R6
Connect to VDD, pull-down
23
1
R2
10k_0402
Connect to ground
24
2
R7, R9
100k_0402
Pull-up and pull-down
25
4
R10, R12, R14, R15
0_0402
jumper-resistor
26
3
R11, R13, R16
0_0402
jumper-resistor
27
1
U1
BlueNRG
RF IC
28
1
U5
HEADER 1X2
Male strip 1X2, 100 mils
27
1
U3
EEPROM
Memory
28
3
TEST8, TEST11,TEST12
Test point
Test point
1.
Not present on board market 14xx near U3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com