Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1766 Datasheet(PDF) 23 Page - STMicroelectronics

Part # UM1766
Description  Getting started with STM32CubeF3 for STM32F3 Series
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1766 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button UM1766 Datasheet HTML 19Page - STMicroelectronics UM1766 Datasheet HTML 20Page - STMicroelectronics UM1766 Datasheet HTML 21Page - STMicroelectronics UM1766 Datasheet HTML 22Page - STMicroelectronics UM1766 Datasheet HTML 23Page - STMicroelectronics UM1766 Datasheet HTML 24Page - STMicroelectronics UM1766 Datasheet HTML 25Page - STMicroelectronics UM1766 Datasheet HTML 26Page - STMicroelectronics UM1766 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
Getting started with STM32CubeF3
UM1766
23/29
DocID026352 Rev 8
–
Replace the main.c file and update it:
Keep the clock configuration of the SystemClock_Config() LL template function
under "BOARD SPECIFIC CONFIGURATION" tags.
Depending on LED definition, replace each LEDx occurrence with another LEDy
available in main.h.
Thanks to these adaptations, the example should be functional on the targeted board.
4.3
Using STM32CubeMX to generate the initialization C code
An alternative to steps 1 to 6 described in Section 4.2 consists of using the STM32CubeMX
tool to generate the code for the initialization of the system, the peripherals and middleware
(steps 1 to 6 above) through a step-by-step process:
•
Select the STMicroelectronics STM32 microcontroller that matches the required set of
peripherals.
•
Configure each required embedded software using the pinout-conflict solver, a clock-
tree setting helper, a power consumption calculator, and the utility performing MCU
peripheral configuration (for example GPIO, USART) and middleware stacks (for
example USB).
•
Generate the initialization C code based on the configuration selected. This code is
ready to use within several development environments. The user code is kept at the
next code generation.
For more information refer to STM32CubeMX user manual UM1718, available on
www.st.com.
4.4
Getting STM32CubeF3 release updates
The STM32CubeF3 firmware package comes with an updater utility: STM32CubeUpdater,
also available as a menu within STM32CubeMX code generation tool.
The updater solution detects new firmware releases and patches available on www.st.com
and proposes the download on the user’s computer.
Installing and running the STM32CubeUpdater program
The STM32CubeUpdater.exe is available under \Utilities\PC_Software.
•
Double-click the SetupSTM32CubeUpdater.exe file to launch the installation.
•
Accept the license terms and follow the different installation steps.
Upon successful installation, STM32CubeUpdater becomes available as an
STMicroelectronics program under Program Files and is automatically launched. The
STM32CubeUpdater icon appears in the system tray:
Right-click the updater icon and select Updater Settings to configure the Updater
connection and whether to perform manual or automatic checks (see STM32CubeMX User
guide - UM1718 section 3 - for more details on Updater configuration).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com