Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1817 Datasheet(PDF) 36 Page - STMicroelectronics

Part # UM1817
Description  Evaluation board with STM32F091VC MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1817 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button UM1817 Datasheet HTML 32Page - STMicroelectronics UM1817 Datasheet HTML 33Page - STMicroelectronics UM1817 Datasheet HTML 34Page - STMicroelectronics UM1817 Datasheet HTML 35Page - STMicroelectronics UM1817 Datasheet HTML 36Page - STMicroelectronics UM1817 Datasheet HTML 37Page - STMicroelectronics UM1817 Datasheet HTML 38Page - STMicroelectronics UM1817 Datasheet HTML 39Page - STMicroelectronics UM1817 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 58 page
background image
Connectors
UM1817
36/58
DocID026902 Rev 3
3.11
ST-LINK/V2-1 USB Type-B connector CN12
The USB connector CN12 is used to connect embedded ST-LINK/V2-1 to PC for debugging
of board.
Figure 18. USB Type-B connector CN12 (front view)
3.12
Audio jack CN13
A 3.5 mm stereo audio jack CN13 connected to audio DAC and ADC is available on the
STM32091C-EVAL board.
3.13
FT LCD connector CN14
A TFT color LCD board is mounted on CN14. Refer to Section 2.20 for details.
3.14
ST-LINK/V2-1 programming connector CN15
The connector CN15 is used only for embedded ST-LINK/V2-1 programming during board
manufacturing. It is not populated by default and not for end user.
3.15
Power connector CN16
The STM32091C-EVAL evaluation board can be powered from a DC 5 V power supply via
the external power supply jack (CN16) shown in Figure 16. The central pin of CN16 must be
positive.
Table 28. USB Type-B connector CN12
Pin number
Description
1
VBUS (power)
2DM
3DP
4GND
5,6
Shield



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com