Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B5LF Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # B5LF
Description  1.5~3W Isolated DC/DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

B5LF Datasheet(HTML) 1 Page - Bothhand USA, LP.

  B5LF Datasheet HTML 1Page - Bothhand USA, LP. B5LF Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B5 LF Series
1.5~3W Isolated DC/DC Converter
BOTHHAND
USA
HTTP://www.bothhand
usa.com
Email: Sales@bothhan
dusa.com
7
Features:
Input Filter With Internal Capacitor
Input / Output Isolation 1K Vdc Or 3K Vdc(H)
Low Ripple And Noise
100% Burn-In
Regulated type
Net Weight : 11.3 g / 14 g Typical
24 Pin DIL Package
Custom Design Available
Technical Specification (1/2):
Model No.
Input
Voltage
(Vdc)
Output
Voltage
(Vdc)
Output
Current
(mA) Max
Input Current
@No Load
(mA) Typ.
Input Current
@Max. Load
(mA) Typ.
Output
Ripple
(mV) Max.
Load
Regulation
(%) Max.
Efficiency
(%)Typ.
1) 1.5 W Single Output Series
B5-053R6S1(H) LF
3.6
400
28
443
60
± 0.5
65
B5-0505S1(H) LF
5
5
300
25
454
60
± 0.5
66
B5-1205S1(H) LF
5
300
16
184
60
± 0.5
68
B5-1212S1(H) LF
12
12
125
16
181
100
± 0.5
69
B5-2405S1(H) LF
5
300
5
96
60
± 0.5
65
B5-2415S1(H) LF
24
15
100
4
91
120
± 0.5
69
2) 2.0 W Single Output Series
B5-0505S2(H) LF
5
400
45
615
70
± 0.5
65
B5-0509S2(H) LF
5
9
200
43
545
90
± 0.5
66
B5-1205S2(H) LF
5
400
18
252
70
± 0.5
66
B5-1209S2(H) LF
9
200
18
220
90
± 0.5
68
B5-1212S2(H) LF
12
12
167
18
245
100
± 0.5
68
B5-2405S2(H) LF
5
400
5
128
70
± 0.5
65
B5-2412S2(H) LF
24
12
167
5
121
100
± 0.5
69
3) 3.0 W Single Output Series
B5-0505S3(H) LF
5
600
50
938
70
± 0.5
64
B5-0512S3(H) LF
5
12
250
45
910
100
± 0.5
66
B5-1205S3(H) LF
5
600
20
378
70
± 0.5
66
B5-1209S3(H) LF
9
333
20
362
90
± 0.5
69
B5-1212S3(H) LF
12
12
250
20
362
100
± 0.5
69
B5-2405S3(H) LF
5
600
6
192
70
± 0.5
65
B5-2412S3(H) LF
24
12
250
6
181
100
± 0.5
66
Mechanical Dimensions (1/2):
Metal Case Model
31.7 5
(1 .2 5 )
φ 0.5 0
(0 .0 2 )
15.2 4
(0 .6 0 )
27.94
(1 .1 0 )
20 .3 2
(0 .8 0 )
2.54
(0 .1 0 )
IN = 1 2 V d c
OU T = 5 V d c
B 5 -1 205S2M L F
Pb
27.6 3
(1 .0 9 )
16 .1 6
(0 .6 4 )
8.50
(0 .3 3 )
5.0 0
(0 .2 0 )
10 .1 6
(0 .4 0 )
3.05
(0 .1 2 )
Prin te d F a c e
Bo tto m V ie w
Min .
Pin
Single Output
Pin
1
+Vin
+Vin
24
2~3
NC
NC
22~23
4~9 No Pin No Pin 16~21
10
-Vo
-Vo
15
11
+Vo
+Vo
14
12
-Vin
-Vin
13
Pin
Dual Output
Pin
1
+Vin
+Vin
24
2~3
-Vo
-Vo
22~23
4~9 Common Common 16~21
10
No Pin
No Pin
15
11 Common Common
14
12
+Vo
+Vo
13


Similar Part No. - B5LF

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
B5L MACOM-B5L Datasheet
55Kb / 1P
CONNECTORS B SERIES
logo
StarHope
B5L SPSEMI-B5L Datasheet
847Kb / 4P
ADSL MODEM?갌AX?갩ELEPHONE
B5L07 SPSEMI-B5L07 Datasheet
847Kb / 4P
ADSL MODEM?갌AX?갩ELEPHONE
B5L07R SPSEMI-B5L07R Datasheet
847Kb / 4P
ADSL MODEM?갌AX?갩ELEPHONE
B5L07R SPSEMI-B5L07R Datasheet
74Kb / 3P
Gas Discharge Tube
More results

Similar Description - B5LF

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
3W-DPHE LINKCOM-3W-DPHE Datasheet
454Kb / 3P
3W DC - DC Converter
logo
Bothhand USA, LP.
B5-LF-SERIES BOTHHAND-B5-LF-SERIES Datasheet
188Kb / 2P
1.5~3W Isolated DC/DC Converter
B6-LF-SERIES BOTHHAND-B6-LF-SERIES Datasheet
196Kb / 2P
1.5~3W Isolated DC/DC Converter
BC-LF-SERIES BOTHHAND-BC-LF-SERIES Datasheet
220Kb / 2P
1.5~3W Isolated DC/DC Converter
B6LF BOTHHAND-B6LF Datasheet
196Kb / 2P
1.5~3W Isolated DC/DC Converter
BCLF BOTHHAND-BCLF Datasheet
220Kb / 2P
1.5~3W Isolated DC/DC Converter
logo
MORNSUN Science& Techno...
CWRF1215S-3W MORNSUN-CWRF1215S-3W Datasheet
994Kb / 4P
3W,wide input isolated & regulated DC-DC converter
logo
Minmax Technology Co., ...
MIZI03 MINMAX-MIZI03 Datasheet
460Kb / 5P
DC-DC CONVERTER 3W
logo
GAPTEC Electronic GmbH ...
3S6W4 GAPTEC-3S6W4 Datasheet
859Kb / 4P
3W - Wide Input - Isolated & Regulated DC-DC Converter
3S8W-4.3RP GAPTEC-3S8W-4.3RP Datasheet
1Mb / 4P
3W - Wide Input - Isolated & Regulated DC-DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com