Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B7LF Datasheet(PDF) 3 Page - Bothhand USA, LP.

Part # B7LF
Description  DC-DC Converter Single / Dual Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

B7LF Datasheet(HTML) 3 Page - Bothhand USA, LP.

  B7LF Datasheet HTML 1Page - Bothhand USA, LP. B7LF Datasheet HTML 2Page - Bothhand USA, LP. B7LF Datasheet HTML 3Page - Bothhand USA, LP. B7LF Datasheet HTML 4Page - Bothhand USA, LP. B7LF Datasheet HTML 5Page - Bothhand USA, LP. B7LF Datasheet HTML 6Page - Bothhand USA, LP. B7LF Datasheet HTML 7Page - Bothhand USA, LP. B7LF Datasheet HTML 8Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Bothhand USA
B7 LF Series - 10 To 15 Watt Isolated DC-
DC Converter Single / Dual Output
40
5 . General Specification
Parameter
Specification
Condition
Isolation Voltage
1500 / 3000 Vdc
Test Duration 60 Seconds / 0.5 mA
Isolation Resistance
1000 MΩ Min.
@ 500 Vdc
Operating Temperature (1)
-25
~ +
℃
71℃
@ Ambient Temperature With Natural Convention
Operating Temperature (2)
-25
~ +95
℃
℃
@ Case Surface Temperature
Storage Temperature
-55
~ +105
℃
℃
---
Humidity
Up To 90 %
---
Cooling
Free Air Convection
---
Case Type
Plastic、Metal
---
6 . Ordering Information
7 . Power Derating Curve
Temperature derating graph
(
)
"M" For Metal Case; "P" For Plastic Case
"S" For Single Output, "D" For Dual Output
Output Voltage
B7-xxyySxxHM LF
Device Family
Input Voltage
Output Power
RoHS Converter Certified By SGS
Suffix "H" For Isolation Voltage 3KVdc
Nothing For Isolation Voltage 1.5KVdc
www.bothhandusa.com
978-887-8050
sales@bothhandusa.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com